전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSF88Y100D 데이터시트(PDF) 1 Page - Cynergy3 Co

부품명 TSF88Y100D
상세설명  NPT External Mount with Temperature Sensing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYNERGY3 [Cynergy3 Co]
홈페이지  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

TSF88Y100D 데이터시트(HTML) 1 Page - Cynergy3 Co

  TSF88Y100D Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2013 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
TSF80 Series
1/2”NPT External Mount with Temperature Sensing
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Mechanical Dimensions
25VA & 100VA versions
WRAS Approved versions
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Compact design with temperature sensing
1/2”NPT thread for external mount
Many variants are UL recognised
components File No. E171218
Technical Specification
TSF83
TSF84
TSF88
TSF86
Material
Nylon
Polypropylene
Polypropylene
Polyphenylene
WRAS approved
UL approved
Sulphide (PPS)
Colour
Black
Opaque
White
Grey
Temp. Range
C
-20 / +75
-20 / +100
-20 / +100
-10 / +120 *
F
-4 ./ +167
-4 / +212
-4 / +212
+14 / +248 *
Min. Fluid SG
0.85
0.85
0.85
0.85
Must close level (SG=1)
7mm
8mm
8mm
9mm
Must open level (SG=1)
20mm
20mm
20mm
24mm
* Maximum temperature requires ETFE cable to be specified.
Electrical Specification
25W (Y code)
100W (H code)
Contact Form
N/O (N/C)
N/O (N/C)
Switching Power Max
VA
25
100
Switching Voltage AC Max
V
240
300
Switching Voltage DC Max
V
120
300
Switching Current Max
A
0.6
1
All ratings are for resistive load only.
Thermistor Specification
Nominal Temperature Resistance
10k Ohm at 25ºC
Resistance Tolerance
+/- 1% (25ºC) to +/- 4.3% (120ºC)
Operating Temperature Range
-20ºC to +120ºC
Temperature Sensing Accuracy
+/-0.2ºC (0ºC to +70ºC)
Beta Value
3892K (0/50ºC)
Response Time
<1 sec
Dissipation Constant
0.75mW/K
Standard PartsMaterial
Temperature Max Power
Leadouts
Output
TSF83H100D Nylon
-20ºC to +75ºC 100VA
100cm PVC 16/0.2
SPNO + Temp
TSF83Y100D Nylon
-20ºC to +75ºC 25VA
100cm PVC 16/0.2
TSF84H100D PP
-20ºC to +100C 100VA
100cm PVC 16/0.2
TSF84Y100D PP
-20ºC to +100ºC 25VA
100cm PVC 16/0.2
TSF86H050T PPS
-10ºC to +120ºC 100VA
50cm ETFE 19/0.2
TSF86H100D PPS
-10ºC to +100ºC 100VA
100cm PVC 16/0.2
TSF86Y050T
PPS
-10ºC to +120ºC 25VA
50cm ETFE 19/0.2
TSF86Y100D PPS
-10ºC to +105ºC 25VA
100cm PVC 16/0.2
TSF88H100D PP (UL)
-20ºC to +100C 100VA
100cm PVC 16/0.2
TSF88Y100D PP (UL)
-20ºC to +100C 100VA
100cm PVC 16/0.2
°
°
SPNO + Temp
SPNO + Temp
SPNO + Temp
SPNO + Temp
SPNO + Temp
SPNO + Temp
SPNO + Temp
SPNO + Temp
SPNO + Temp
The TSF80 series is a compact external
fitting device, via 1/2”NPT thread, with a
high specification thermistor so capable of
sensing both liquid level and temperature.
The device is mounted through a 1/2”NPT
boss, so does not require access to the
inside of the tank.
Typical applications include vending
machines, commercial washing machines
and evaporator units.
They are manufactured in a variety of
materials, to suit most commonly used
liquids.
The switch action may be reversed by
rotating the device through 180º.
All dimensions are in millimeters (inches)
** 49mm TSF86
*** Add 10mm to dims, TSF86
42mm**
(1.7") max.
Switch open
Switch closed
40°
max.
18mm
(0.71") max.
18mm
(0.7”)
60mm***
(2.4")
90mm***
(3.5")
48mm***
(2.0")
½" NPT Taper Thread (Will fit 1/2" BSP)
Must close level
Must open level
1M Cable Red - Switch
Green - Thermistor


유사한 부품 번호 - TSF88Y100D

제조업체부품명데이터시트상세설명
logo
Token Electronics Indus...
TSF881D50-S9 TOKEN-TSF881D50-S9 Datasheet
476Kb / 14P
   Front End Filters
More results

유사한 설명 - TSF88Y100D

제조업체부품명데이터시트상세설명
logo
Cynergy3 Co
TSSF212 CYNERGY3-TSSF212 Datasheet
384Kb / 1P
   1/2 NPT External Mount with Temperature Sensing
logo
List of Unclassifed Man...
TSF73 ETC2-TSF73 Datasheet
563Kb / 1P
   Compact External Mount with Temperature Sensing
logo
Cynergy3 Co
TSF70 CYNERGY3-TSF70 Datasheet
696Kb / 1P
   Compact External Mount with Temperature Sensing
SSF216 CYNERGY3-SSF216 Datasheet
133Kb / 1P
   Extra-long reach external mount float switch with 1 NPT mount
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
   compact external fitting with npt taper thread
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
   Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
logo
List of Unclassifed Man...
HTS-206 ETC1-HTS-206 Datasheet
23Kb / 1P
   TEMPERATURE SENSING CRYSTAL
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
TE Connectivity Ltd
NI1000SOT TEC-NI1000SOT Datasheet
258Kb / 8P
   Contact temperature sensing
logo
Epson ToYoCom
HTS-206 EPSONTOYOCOM-HTS-206 Datasheet
336Kb / 2P
   SENSOR TEMPERATURE SENSING CRYSTAL
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com