전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF520NS 데이터시트(PDF) 5 Page - Kersemi Electronic Co., Ltd.

부품명 IRF520NS
상세설명  Low-profile through-hole (IRF520NL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF520NS 데이터시트(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRF520NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
25
50
75
100
125
150
175
0.0
2.0
4.0
6.0
8.0
10.0
T , Case Temperature
( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
IRF520NS/L
2014-8-26
5
www.kersemi.com


유사한 부품 번호 - IRF520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF520NS IRF-IRF520NS Datasheet
195Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF520NS ISC-IRF520NS Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF520NS VBSEMI-IRF520NS Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRF520NSPBF IRF-IRF520NSPBF Datasheet
405Kb / 10P
   Advamced {rpcess Technology Surface Mount
More results

유사한 설명 - IRF520NS

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
TMM-102-03-G-S SAMTEC-TMM-102-03-G-S Datasheet
1Mb / 1P
   LOW PROFILE THROUGH-HOLE HEADER
TMM-103-02-G-S SAMTEC-TMM-103-02-G-S Datasheet
1Mb / 1P
   LOW PROFILE THROUGH-HOLE HEADER
logo
Vishay Siliconix
IHDF-1300AE-10 VISHAY-IHDF-1300AE-10 Datasheet
477Kb / 5P
   Low Profile, Through-Hole, High Current Inductors,
logo
DinTek Semiconductor Co...
DTW2070 DINTEK-DTW2070 Datasheet
2Mb / 10P
   Power MOSFET Low-Profile Through-Hole Fast Switching
logo
Vishay Siliconix
IHDF-1300AE-1A VISHAY-IHDF-1300AE-1A_V01 Datasheet
311Kb / 4P
   Low Profile, Through-Hole, High Current Inductors, Edge-Wound Series
01-Jan-2022
IHDF-1300AE-10 VISHAY-IHDF-1300AE-10_V01 Datasheet
476Kb / 5P
   Low Profile, Through-Hole, High Current Inductors, Edge-Wound Series
01-Jan-2022
logo
Molex Electronics Ltd.
0785881562 MOLEX11-0785881562 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole
logo
Vishay Siliconix
IHDF-1300AE-1A VISHAY-IHDF-1300AE-1A Datasheet
312Kb / 4P
   Low Profile, Through-Hole, High Current Inductors, Edge-Wound Series
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
logo
Molex Electronics Ltd.
0785880052 MOLEX11-0785880052 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole, Vertical
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com