전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRF1010E 데이터시트(PDF) 6 Page - Kersemi Electronic Co., Ltd.

부품명 IRF1010E
상세설명  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1010E 데이터시트(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRF1010E Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
175
0
200
400
600
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
20A
35A
50A
R G
IAS
0.01
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
VGS
IRF1010E
2014-8-12
6
www.kersemi.com


유사한 부품 번호 - IRF1010E

제조업체부품명데이터시트상세설명
International Rectifier
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRF1010E ISC-IRF1010E Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
International Rectifier
International Rectifier
IRF1010EL IRF-IRF1010EL Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF1010ELPBF IRF-IRF1010ELPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
IRF1010ELPBF IRF-IRF1010ELPBF Datasheet
227Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF1010E

제조업체부품명데이터시트상세설명
International Rectifier
International Rectifier
IRF7240TRPBF IRF-IRF7240TRPBF Datasheet
126Kb / 9P
   Ultra Low On-Resistance
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
IRFR3910 KERSEMI-IRFR3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR5305TRPBF KERSEMI-IRFR5305TRPBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
International Rectifier
International Rectifier
IRF5852TRPBF IRF-IRF5852TRPBF Datasheet
130Kb / 10P
   Ultra Low On-Resistance
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
IRFR9120NTRPBF IRF-IRFR9120NTRPBF Datasheet
2Mb / 4P
   Ultra Low On-Resistance
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
IRFU1205PBF KERSEMI-IRFU1205PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NPBF KERSEMI-IRFU9024NPBF Datasheet
4Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9120N KERSEMI-IRFU9120N Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRFU9120NPBF KERSEMI-IRFU9120NPBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com