전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRF1010E 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd.

부품명 IRF1010E
상세설명  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1010E 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF1010E Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1010E Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF1010E
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 50A, VGS = 0V
„
trr
Reverse Recovery Time
–––
73
110
ns
TJ = 25°C, IF = 50A
Qrr
Reverse Recovery Charge
–––
220
330
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
84
‡
330
A
‚ Starting TJ = 25°C, L = 260µH
RG = 25Ω, IAS = 50A, VGS =10V (See
Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Notes:
ƒ ISD ≤ 50A, di/dt ≤ 230A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.064 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
12
m
VGS = 10V, ID = 50A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
69
–––
–––
S
VDS = 25V, ID = 50A
„
–––
–––
25
µA
VDS = 60V, VGS = 0V
–––
–––
250
VDS = 48V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
130
ID = 50A
Qgs
Gate-to-Source Charge
–––
–––
28
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
44
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 30V
tr
Rise Time
–––
78
–––
ID = 50A
td(off)
Turn-Off Delay Time
–––
48
–––
RG = 3.6Ω
tf
Fall Time
–––
53
–––
VGS = 10V, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3210 –––
VGS = 0V
Coss
Output Capacitance
–––
690
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
140
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
––– 1180
…320† mJ
IAS = 50A, L = 260µH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
2014-8-12
2
www.kersemi.com


유사한 부품 번호 - IRF1010E

제조업체부품명데이터시트상세설명
International Rectifier
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRF1010E ISC-IRF1010E Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
International Rectifier
International Rectifier
IRF1010EL IRF-IRF1010EL Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF1010ELPBF IRF-IRF1010ELPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
IRF1010ELPBF IRF-IRF1010ELPBF Datasheet
227Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF1010E

제조업체부품명데이터시트상세설명
International Rectifier
International Rectifier
IRF7240TRPBF IRF-IRF7240TRPBF Datasheet
126Kb / 9P
   Ultra Low On-Resistance
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
IRFR3910 KERSEMI-IRFR3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR5305TRPBF KERSEMI-IRFR5305TRPBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
International Rectifier
International Rectifier
IRF5852TRPBF IRF-IRF5852TRPBF Datasheet
130Kb / 10P
   Ultra Low On-Resistance
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
IRFR9120NTRPBF IRF-IRFR9120NTRPBF Datasheet
2Mb / 4P
   Ultra Low On-Resistance
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
IRFU1205PBF KERSEMI-IRFU1205PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NPBF KERSEMI-IRFU9024NPBF Datasheet
4Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9120N KERSEMI-IRFU9120N Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRFU9120NPBF KERSEMI-IRFU9120NPBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com