전자부품 데이터시트 검색엔진 |
|
IRFP2907 데이터시트(PDF) 1 Page - Kersemi Electronic Co., Ltd. |
|
IRFP2907 데이터시트(HTML) 1 Page - Kersemi Electronic Co., Ltd. |
1 / 9 page Parameter Max. Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V 209 ID @ TC = 100°C Continuous Drain Current, VGS @ 10V 148 A IDM Pulsed Drain Current 840 PD @TC = 25°C Power Dissipation 470 W Linear Derating Factor 3.1 W/°C VGS Gate-to-Source Voltage ± 20 V EAS Single Pulse Avalanche Energy 1970 mJ IAR Avalanche Current See Fig.12a, 12b, 15, 16 A EAR Repetitive Avalanche Energy mJ dv/dt Peak Diode Recovery dv/dt 5.0 V/ns TJ Operating Junction and -55 to + 175 TSTG Storage Temperature Range Soldering Temperature, for 10 seconds 300 (1.6mm from case ) °C Mounting Torque, 6-32 or M3 screw 10 lbf•in (1.1N•m) IRFP2907 S D G Absolute Maximum Ratings Parameter Typ. Max. Units RθJC Junction-to-Case ––– 0.32 RθCS Case-to-Sink, Flat, Greased Surface 0.24 ––– °C/W RθJA Junction-to-Ambient ––– 40 Thermal Resistance VDSS = 75V RDS(on) = 4.5mΩ ID = 209A TO-247AC q Advanced Process Technology q Ultra Low On-Resistance q Dynamic dv/dt Rating q 175°C Operating Temperature q Fast Switching q Repetitive Avalanche Allowed up to Tjmax Benefits Typical Applications q Integrated Starter Alternator q 42 Volts Automotive Electrical Systems 2014-8-14 1 www.kersemi.com |
유사한 부품 번호 - IRFP2907 |
|
유사한 설명 - IRFP2907 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |