전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4468 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd.

부품명 IRFP4468
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFP4468 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFP4468 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFP4468 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.09
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.0
2.6
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.8
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
310
–––
–––
S
Qg
Total Gate Charge
–––
360
540
nC
Qgs
Gate-to-Source Charge
–––
81
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
89
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
270
–––
td(on)
Turn-On Delay Time
–––
52
–––
ns
tr
Rise Time
–––
230
–––
td(off)
Turn-Off Delay Time
–––
160
–––
tf
Fall Time
–––
260
–––
Ciss
Input Capacitance
––– 19860 –––
pF
Coss
Output Capacitance
–––
1360
–––
Crss
Reverse Transfer Capacitance
–––
540
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 1550 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)h –––
900
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 290c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
1120
A
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
100
ns
TJ = 25°C
VR = 85V,
–––
110
TJ = 125°C
IF = 180A
Qrr
Reverse Recovery Charge
–––
370
nC TJ = 25°C
di/dt = 100A/μs
g
–––
420
TJ = 125°C
IRRM
Reverse Recovery Current
–––
6.9
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 180A
RG = 2.7Ω
VGS = 10V
g
VDD = 65V
ID = 180A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 180A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA
d
VGS = 10V, ID = 180A
g
VDS = VGS, ID = 250μA
VDS = 100V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 10V
g
VGS = 0V
VDS = 50V
ƒ = 100 kHz, See Fig. 5
VGS = 0V, VDS = 0V to 80V
i, See Fig. 11
VGS = 0V, VDS = 0V to 80V
h
Conditions
VDS = 50V, ID = 180A
ID = 180A
VGS = 20V
VGS = -20V
IRFP4468PBF
2014-8-14
2
www.kersemi.com


유사한 부품 번호 - IRFP4468

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP4468 ISC-IRFP4468 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP4468PBF IRF-IRFP4468PBF Datasheet
296Kb / 8P
   HEXFET Power MOSFET
IRFP4468PBF IRF-IRFP4468PBF Datasheet
302Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
logo
Kersemi Electronic Co.,...
IRFP4468PBF KERSEMI-IRFP4468PBF Datasheet
937Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
logo
International Rectifier
IRFP4468PBF IRF-IRFP4468PBF_15 Datasheet
302Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFP4468

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com