전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRF1010ES 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF1010ES
상세설명  Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1010ES 데이터시트(HTML) 1 Page - International Rectifier

  IRF1010ES Datasheet HTML 1Page - International Rectifier IRF1010ES Datasheet HTML 2Page - International Rectifier IRF1010ES Datasheet HTML 3Page - International Rectifier IRF1010ES Datasheet HTML 4Page - International Rectifier IRF1010ES Datasheet HTML 5Page - International Rectifier IRF1010ES Datasheet HTML 6Page - International Rectifier IRF1010ES Datasheet HTML 7Page - International Rectifier IRF1010ES Datasheet HTML 8Page - International Rectifier IRF1010ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
02/14/02
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient (PCB mount)**
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 12mΩ
ID = 84A
‡
S
D
G
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs
are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRF1010EL) is available for low-
profile applications.
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
84
‡
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
59
A
IDM
Pulsed Drain Current

330
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.4
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

50
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
IRF1010ES
IRF1010EL
D2Pak
IRF1010ES
TO-262
IRF1010EL
l Advanced Process Technology
l Surface Mount (IRF1010ES)
l Low-profile through-hole (IRF1010EL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
°C/W
PD - 91720


유사한 부품 번호 - IRF1010ES

제조업체부품명데이터시트상세설명
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRF1010ES ISC-IRF1010ES Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
International Rectifier
International Rectifier
IRF1010ESPBF IRF-IRF1010ESPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
IRF1010ESPBF IRF-IRF1010ESPBF Datasheet
227Kb / 11P
   Advanced Process Technology
IRF1010ESPBF IRF-IRF1010ESPBF_15 Datasheet
227Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF1010ES

제조업체부품명데이터시트상세설명
International Rectifier
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com