전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1010NS 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF1010NS
상세설명  Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1010NS 데이터시트(HTML) 4 Page - International Rectifier

  IRF1010NS Datasheet HTML 1Page - International Rectifier IRF1010NS Datasheet HTML 2Page - International Rectifier IRF1010NS Datasheet HTML 3Page - International Rectifier IRF1010NS Datasheet HTML 4Page - International Rectifier IRF1010NS Datasheet HTML 5Page - International Rectifier IRF1010NS Datasheet HTML 6Page - International Rectifier IRF1010NS Datasheet HTML 7Page - International Rectifier IRF1010NS Datasheet HTML 8Page - International Rectifier IRF1010NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF1010NS/IRF1010NL
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
20
40
60
80
100
120
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
43A

V
= 11V
DS
V
= 27V
DS
V
= 44V
DS
0.1
1
10
100
1000
0.0
0.6
1.2
1.8
2.4
V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 175 C
J
°
1
10
100
VDS, Drain-to-Source Voltage (V)
0
1000
2000
3000
4000
5000
6000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
1
10
100
1000
VDS , Drain-toSource Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec


유사한 부품 번호 - IRF1010NS

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
Inchange Semiconductor ...
IRF1010NS ISC-IRF1010NS Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
297Kb / 11P
   HEXFET짰 Power MOSFET
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
298Kb / 11P
   Advanced Process Technology
IRF1010NSPBF IRF-IRF1010NSPBF Datasheet
298Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF1010NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1010N IRF-IRF1010N Datasheet
211Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A??
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
   Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
   Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRFR014 IRF-IRFR014 Datasheet
172Kb / 6P
   Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
IRF520N IRF-IRF520N Datasheet
116Kb / 8P
   Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com