전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1310NS 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF1310NS
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1310NS 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF1310NS Datasheet HTML 2Page - International Rectifier IRF1310NS Datasheet HTML 3Page - International Rectifier IRF1310NS Datasheet HTML 4Page - International Rectifier IRF1310NS Datasheet HTML 5Page - International Rectifier IRF1310NS Datasheet HTML 6Page - International Rectifier IRF1310NS Datasheet HTML 7Page - International Rectifier IRF1310NS Datasheet HTML 8Page - International Rectifier IRF1310NS Datasheet HTML 9Page - International Rectifier IRF1310NS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF1310NS/L
Package Outline
TO-262 Outline
TO-262
Part Marking Information


유사한 부품 번호 - IRF1310NS

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
Inchange Semiconductor ...
IRF1310NS ISC-IRF1310NS Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
725Kb / 11P
   HEXFET Power MOSFET
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
726Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRF1310NSPBF IRF-IRF1310NSPBF_15 Datasheet
726Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRF1310NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRFI1310N IRF-IRFI1310N Datasheet
104Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=24A)
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com