전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1310S 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF1310S
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1310S 데이터시트(HTML) 3 Page - International Rectifier

  IRF1310S Datasheet HTML 1Page - International Rectifier IRF1310S Datasheet HTML 2Page - International Rectifier IRF1310S Datasheet HTML 3Page - International Rectifier IRF1310S Datasheet HTML 4Page - International Rectifier IRF1310S Datasheet HTML 5Page - International Rectifier IRF1310S Datasheet HTML 6Page - International Rectifier IRF1310S Datasheet HTML 7Page - International Rectifier IRF1310S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
IRF1310S
Fig 1. Typical Output Characteristics,
TC = 25oC
Fig 2. Typical Output Characteristics,
TC = 175oC
1
1 0
1 0 0
1 0 0 0
0 .1
1
1 0
1 0 0
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
V
, Drain-to-Source Voltage (V)
DS
20µs PULSE WIDTH
T = 25°C
C
1
1 0
1 0 0
1 0 0 0
0 .1
1
1 0
1 0 0
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
V
, Drain-to-Source Voltage (V)
DS
20µs PULSE WIDTH
T = 175°C
C
1
1 0
1 0 0
1 0 0 0
4
5
6
7
8
9
1 0
G S
V
, G a te -to -S o u rce V o lta g e (V )
T = 2 5°C
J
T = 1 7 5°C
J
V
= 5 0 V
2 0µ s P U L S E W ID T H
D S
0 .0
0 .5
1 .0
1 .5
2 .0
2 .5
3 .0
-6 0 -4 0 -2 0
0
2 0
4 0
6 0
8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0
V
= 10V
GS
J
T , Junction Temperature (°C)
I
= 25A
D
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - IRF1310S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Inchange Semiconductor ...
IRF1310N ISC-IRF1310N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NL IRF-IRF1310NL Datasheet
156Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Kersemi Electronic Co.,...
IRF1310NL KERSEMI-IRF1310NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF1310NL ISC-IRF1310NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRF1310S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRFIZ34N IRF-IRFIZ34N Datasheet
105Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com