전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBYV26C 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 SBYV26C
상세설명  1.0A Axial Leaded Ultra Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SBYV26C 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  SBYV26C Datasheet HTML 1Page - SUNMATE electronic Co., LTD SBYV26C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
·
Mechanical Data
·
·
·
·
·
High temperature metallurgically bonded construction
Cavity-free glass passivated junction
Ultrafast recovery time for high efficiency
Low forward voltage, high current capability
Capable of meeting environmental standards of
MIL-S-19500
Hermetically sealed package
Low leakage current • High surge current capability
Specified reverse surge capability
High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length,5 lbs. (2.3kg) tension
·
·
JEDEC DO-41, molded plastic over glass body
Case:
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 oz., 0.3 g
Parameter
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum RMS voltage
VRMS
420
V
Maximum DC blocking voltage
VDC
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL = 85°C (See Fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10ms single half
sine-wave superimposed on rated load
IFSM
30
A
Non repetitive peak reverse energy (Note 1)
ERSM
5mJ
Typical thermal resistance (Note 2,3)
R
ΘJA
70
R
ΘJL
16
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
Minimum avalanche breakdown voltage at 100
µAVBR
600
V
Maximum instantaneous
TJ = 25°C
VF
2.5
V
forward voltage at 1.0A
TJ = 175°C
1.3
Maximum DC reverse current
TA = 25°C
IR
5.0
µA
at rated DC blocking voltage
TA = 165°C
150
Max. reverse recovery time at IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
30
ns
Maximum junction capacitance at 4.0V, 1MHz
CJ
45
pF
Maximum reverse recovery current slope
dir/dt
7
A/
µs
at IF = 1A, VR = 30V, dif/dt = –1A/
µs
Notes: (1) Peak reverse energy measured with 8/20
µs surge
(2) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm) copper pads
(3) Thermal resistance from junction to lead at 0.375” (9.5mm) lead length with both leads attached to heatsink
SBYV26C
1.0A Axial Leaded Ultra Fast Rectifier


유사한 부품 번호 - SBYV26C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
   Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
logo
Gulf Semiconductor
SBYV26C GULFSEMI-SBYV26C Datasheet
101Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
80Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
   Glass Passivated Ultrafast Rectifier
More results

유사한 설명 - SBYV26C

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYT43A SUNMATE-BYT43A Datasheet
110Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier Diodes
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
UF100 SUNMATE-UF100 Datasheet
89Kb / 2P
   1.0A Axial Leaded Ultrfast Switching Fast Rectifier
MUR440 SUNMATE-MUR440 Datasheet
204Kb / 2P
   4.0A Axial Leaded Ultra-Fast Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com