전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1405S 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF1405S
상세설명  Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1405S 데이터시트(HTML) 2 Page - International Rectifier

  IRF1405S Datasheet HTML 1Page - International Rectifier IRF1405S Datasheet HTML 2Page - International Rectifier IRF1405S Datasheet HTML 3Page - International Rectifier IRF1405S Datasheet HTML 4Page - International Rectifier IRF1405S Datasheet HTML 5Page - International Rectifier IRF1405S Datasheet HTML 6Page - International Rectifier IRF1405S Datasheet HTML 7Page - International Rectifier IRF1405S Datasheet HTML 8Page - International Rectifier IRF1405S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF1405S/L
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.057 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.6
5.3
m
VGS = 10V, ID = 101A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
69
–––
–––
S
VDS = 25V, ID = 110A
–––
–––
20
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
Qg
Total Gate Charge
–––
170
260
ID = 101A
Qgs
Gate-to-Source Charge
–––
44
66
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
62
93
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
13
–––
VDD = 38V
tr
Rise Time
–––
190
–––
ID = 110A
td(off)
Turn-Off Delay Time
–––
130
–––
RG = 1.1Ω
tf
Fall Time
–––
110
–––
VGS = 10V
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
5480 –––
VGS = 0V
Coss
Output Capacitance
–––
1210 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
280
–––
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
5210 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
900
–––
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
1500 –––
VGS = 0V, VDS = 0V to 44V
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 101A, VGS = 0V
„
trr
Reverse Recovery Time
–––
88
130
ns
TJ = 25°C, IF = 101A
Qrr
Reverse RecoveryCharge
–––
250
380
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
131
†
680
A


유사한 부품 번호 - IRF1405S

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRF1405S KERSEMI-IRF1405S Datasheet
3Mb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF1405S ISC-IRF1405S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRF1405SLPBF VISHAY-IRF1405SLPBF Datasheet
313Kb / 11P
   Advanced Process Technology
logo
International Rectifier
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRF1405SPBF IRF-IRF1405SPBF Datasheet
313Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF1405S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1405 IRF-IRF1405 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=169A??
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com