전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF100 데이터시트(PDF) 2 Page - SUNMATE electronic Co., LTD

부품명 UF100
상세설명  1.0A Axial Leaded Ultrfast Switching Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF100 데이터시트(HTML) 2 Page - SUNMATE electronic Co., LTD

  UF100 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF100 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0 1.2
1.4
1.6
UF1010
TJ = 25 ¢J
UF100
TYPICAL
FORWARD VOLTAGE-VFM(Vpk)
1.2
1.0
0.8
0.6
0.4
0.2
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE 60Hz
RESISSTIVE OR
INDUCTIVE
LOAD .375" LEAD
LENGTHS
AMBIENT TEMPERATURE, ¢J
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1
0.1
1
10
100
TJ = 25¢J
f = 1.0MHz
Vsig = 50m Vp-p
REVERSE VOLTAGE, VOLTS
35
30
25
20
15
10
5
.1
.5
1
2
5
10
20
50
100 200
500
1000
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-PEAK FORWARD SURGE CURRENT
2of2


유사한 부품 번호 - UF100

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
93Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
UF100 PANJIT-UF100 Datasheet
45Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
More results

유사한 설명 - UF100

제조업체부품명데이터시트상세설명
logo
Shenzhen Yixinwei Techn...
UF2010 YIXIN-UF2010 Datasheet
134Kb / 2P
   2.0A Axial Leaded Ultrfast Switching Fast Rectifier
logo
SUNMATE electronic Co.,...
UF200 SUNMATE-UF200 Datasheet
90Kb / 2P
   2.0A Axial Leaded Ultrfast Switching Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
11DF1 SUNMATE-11DF1 Datasheet
101Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
   1.0A Axial Leaded Ultra Fast Rectifier
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
BYT43A SUNMATE-BYT43A Datasheet
110Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
SF11 SUNMATE-SF11 Datasheet
107Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com