전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1648 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SA1648
상세설명  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1648 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SA1648_15 Datasheet HTML 1Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 2Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 3Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 4Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 5Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 6Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet D16121EJ4V0DS
2
2SA1648,1648-Z
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC =
−3.0 A, IB = −0.3 A, L = 1 mH
−60
V
Collector to emitter voltage
VCEX(SUS)
IC =
−3.0 A, IB2 = −IB1 = −0.3 A,
VBE(OFF) = 1.5 V, L = 180
μH, clamped
−60
V
Collector cutoff current
ICBO
VCE =
−60 V, IE = 0 A
−10
μA
Collector cutoff current
ICER
VCE =
−60 V, RBE = 50 Ω, TA = 125°C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−60 V, VBE(OFF) = 1.5 V
−10
μA
Collector cutoff current
ICEX2
VCE =
−60 V, VBE(OFF) = 1.5 V,
TA = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0 A
−10
μA
DC current gain
hFE1
Note
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE2
Note
VCE =
−2.0 V, IC = −1.0 A
100
200
400
DC current gain
hFE3
Note
VCE =
−2.0 V, IC = −3.0 A
60
Collector saturation voltage
VCE(sat)1
Note
IC =
−3.0 A, IB = −0.15 A
−0.3
V
Collector saturation voltage
VCE(sat)2
Note
IC =
−4.0 A, IB = −0.2 A
−0.5
V
Base saturation voltage
VBE(sat)1
Note
IC =
−3.0 A, IB = −0.15 A
−1.2
V
Base saturation voltage
VBE(sat)2
Note
IC =
−4.0 A, IB = −0.2 A
−1.5
V
Collector capacitance
Cob
VCB =
−10 V, IE = 0 A, f = 1.0 MHz
80
pF
Gain bandwidth product
fT
VCE =
−10 V, IC = 0.5 A
90
MHz
Turn-on time
ton
0.3
μs
Storage time
tstg
1.5
μs
Fall time
tf
IC =
−3.0 A, RL = 17 Ω,
IB1 =
−IB2 = −0.15 A, VCC ≅ −50 V
Refer to SWITCHING TIME TEST
CIRCUIT.
0.3
μs
Note Pulse test PW
≤ 350
μs, Duty Cycle ≤ 2%/Pulsed
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME TEST CIRCUIT
VIN
PW
PW
≅ 50
Duty Cycle
≤ 2%
VBB
≅ 5 V
VCC
≅ −50 V
10%
90%
RL = 17
Ω
IB1
IC
IB2
IB1
IC
ton
tstg tf
TUT
IB2
s
μ
Base current
waveform
Collector current
waveform


유사한 부품 번호 - 2SA1648_15

제조업체부품명데이터시트상세설명
logo
NEC
2SA1648-Z NEC-2SA1648-Z Datasheet
156Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1648-Z ISC-2SA1648-Z Datasheet
245Kb / 2P
   isc Silicon PNP Power Transistor
More results

유사한 설명 - 2SA1648_15

제조업체부품명데이터시트상세설명
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com