전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF2805 데이터시트(PDF) 4 Page - Kersemi Electronic Co., Ltd.

부품명 IRF2805
상세설명  Climate Control, ABS, Electronic Braking,Windshield Wipers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF2805 데이터시트(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRF2805 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF2805 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss
= C gs + C gd , C ds
SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
40
80
120
160
200
240
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 44V
VDS= 28V
ID= 104A
IRF2805
2014-8-11
4
www.kersemi.com


유사한 부품 번호 - IRF2805

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2805 IRF-IRF2805 Datasheet
152Kb / 9P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF2805 ISC-IRF2805 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF2805L IRF-IRF2805L Datasheet
224Kb / 11P
   AUTOMOTIVE MOSFET
IRF2805LPBF IRF-IRF2805LPBF Datasheet
306Kb / 11P
   HEXFET Power MOSFET
IRF2805LPBF IRF-IRF2805LPBF Datasheet
337Kb / 11P
   Industrial Motor Drive
More results

유사한 설명 - IRF2805

제조업체부품명데이터시트상세설명
logo
Littelfuse
75600 LITTELFUSE-75600 Datasheet
215Kb / 1P
   ELECTRONIC WINDSHIELD WIPER SWITCHES
2019 Rev: 021119
logo
NXP Semiconductors
MC33SB0400SM NXP-MC33SB0400SM Datasheet
279Kb / 5P
   ABS motorcycle braking chip
Rev. 2.0, 8/2016
MC33SB0401SM NXP-MC33SB0401SM Datasheet
276Kb / 5P
   ABS motorcycle braking chip
Rev. 2.0, 8/2016
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
E+E Elektronik Ges.m.b....
EE210 EPLUSE-EE210 Datasheet
2Mb / 13P
   Humidity and Temperature Sensor for Demanding Climate Control
10-2023
logo
List of Unclassifed Man...
7285 ETC2-7285 Datasheet
31Kb / 1P
   Small Roll Paper Wipers
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
logo
Mallory performance clu...
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com