전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ690 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 2SJ690
상세설명  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ690 데이터시트(HTML) 7 Page - Renesas Technology Corp

  2SJ690_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ690_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D19954EJ1V0DS
5
2SJ690
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
50
100
150
200
-50 -25
0
25
50
75 100 125 150
−2.5 V
ID =
−1.0 A
Pulsed
VGS =
−4.5 V
Tch - Channel Temperature -
°C
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
-0.1
-1
-10
-100
VDD =
−15.0 V
VGS =
−4.5 V
RG = 10
Ω
td(off)
td(on)
tf
tr
ID - Drain Current - A
-0
-5
-10
-15
-20
-25
-30
02
46
-0
-1
-2
-3
-4
-5
-6
ID =
−2.5 A
VDS
VDD =
−24.0 V
−15.0 V
−6.0 V
VGS
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
-0.01
-0.1
-1
-10
-100
0.0
0.5
1.0
1.5
Pulsed
VGS = 0 V
−4.5 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
-0.1
-1
-10
-100
VGS = 0 V
di/dt =
−50 A/μ s
IF - Diode Forward Current - A


유사한 부품 번호 - 2SJ690_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ690-T1B-AT RENESAS-2SJ690-T1B-AT Datasheet
267Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
September 2009 NS
More results

유사한 설명 - 2SJ690_15

제조업체부품명데이터시트상세설명
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com