전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6278CA 데이터시트(PDF) 3 Page - SUNMATE electronic Co., LTD

부품명 1N6278CA
상세설명  1500 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N6278CA 데이터시트(HTML) 3 Page - SUNMATE electronic Co., LTD

  1N6278CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N6278CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1N6278CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1N6278CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N6303CA
1N6302CA
1N6301CA
1N6300CA
1N6299CA
1N6298CA
1N6297CA
1N6296CA
1N6295CA
1N6294CA
1N6293CA
1N6292CA
1N6291CA
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of V BR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% /
°C)
1N6290A
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1N6291A
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1N6292A
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1N6293A
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1N6294A
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1N6295A
95.0
105
1.0
85.5
5.0
11.0
137
0.106
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1N6296A
105
116
1.0
94.0
5.0
9.9
152
0.107
108
132
1.0
97.2
5.0
8.7
173
0.107
1N6297A
114
126
1.0
102
5.0
9.1
165
0.107
117
143
1.0
105
5.0
8.0
187
0.107
1N6298A
124
137
1.0
111
5.0
8.4
179
0.107
135
165
1.0
121
5.0
7.0
215
0.108
1N6299A
143
158
1.0
128
5.0
7.2
207
0.108
144
176
1.0
130
5.0
6.5
230
0.108
1N6300A
152
168
1.0
136
5.0
6.8
219
0.108
153
187
1.0
138
5.0
6.2
244
0.108
1N6301A
162
179
1.0
145
5.0
6.4
234
0.108
162
198
1.0
146
5.0
5.8
258
0.108
1N6302A
171
189
1.0
154
5.0
6.1
246
0.108
180
220
1.0
162
5.0
5.2
287
0.108
1N6303A
190
210
1.0
171
5.0
5.5
274
0.108
Note:
( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 200 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
3of4


유사한 부품 번호 - 1N6278CA

제조업체부품명데이터시트상세설명
logo
Transys Electronics
1N6278CA TRSYS-1N6278CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6278CA TSC-1N6278CA Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
1N6278CA ETC1-1N6278CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
SynSemi, Inc.
1N6278CA SYNSEMI-1N6278CA Datasheet
141Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6278CA EIC-1N6278CA Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - 1N6278CA

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com