전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW04-14CA 데이터시트(PDF) 3 Page - SUNMATE electronic Co., LTD

부품명 BZW04-14CA
상세설명  400 Watts Axial Leaded Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04-14CA 데이터시트(HTML) 3 Page - SUNMATE electronic Co., LTD

  BZW04-14CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04-14CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04-14CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04-14CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD BZW04-14CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD BZW04-14CA Datasheet HTML 6Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
58.8
61.6
53.2
BZW04-48
BZW04P48
53.6
56.1
48.5
BZW04-44
BZW04P44
49.4
51.7
44.7
BZW04-40
BZW04P40
45.2
47.3
40.9
BZW04-37
BZW04P37
41.0
42.9
37.1
BZW04-33
BZW04P33
37.8
39.6
34.2
BZW04-31
BZW04P31
34.7
36.3
31.4
BZW04-28
BZW04P28
31.5
33.0
28.5
BZW04-26
BZW04P26
28.4
28.7
25.7
BZW04-23
BZW04P23
25.2
26.4
22.8
BZW04-20
BZW04P20
23.1
20.2
20.9
BZW04-19
BZW04P19
21.0
22.0
BZW04-17
BZW04P17
M
in
M
ax
7.4
53.9
0.100
23.1
17.1
17.1
18.8
23.1
20.5
20.5
0.096
0.090
0.090
0.092
0.092
0.094
0.094
0.096
37.5
27.7
27.7
10.7
14.5
13.0
30.6
37.5
0.097
41.5
0.097
28.2
1.0
8.8
45.7
0.098
14.5
25.6
1.0
1.0
1.0
1.0
9.6
10.7
18.8
1.0
13.0
30.6
33.2
1.0
9.6
41.5
0.098
1.0
12.0
33.2
0.099
28.2
1.0
8.8
45.7
30.8
1.0
8.0
49.9
Stand-of f
v oltage
VWM
(V)
0.099
33.3
1.0
7.4
53.9
0.100
30.8
1.0
8.0
Maximum
temperature
coefficient
of V (BR)
(%/ )
Breakdow n
v oltage V (BR)
(V)(NOTE1)
Test
current
at IT
(mA )
33.3
1.0
25.6
1.0
1.0
59.3
Maximum
reverse
leakge
at V WM
ID (NOTE3)(μA)
Maximum
peak pulse
IPPM(NOTE2)
(A)
Maximum
clamping
v oltage at
IPPM V C(V)
49.9
1.0
12.0
64.8
0.101
36.8
1.0
6.7
59.3
0.101
36.8
1.0
6.7
70.1
0.101
40.2
1.0
6.2
64.8
0.101
40.2
1.0
6.2
77.0
0.102
43.6
1.0
5.7
70.1
0.102
43.6
1.0
5.7
Device
type
0.103
47.8
1.0
5.2
77.0
0.103
47.8
1.0
5.2
19.0
19.0
21.0
22.0
BZW04-17
BZW04P17
19.0
19.0
20.9
23.1
20.2
20.9
BZW04-19
BZW04P19
20.9
22.8
25.2
26.4
22.8
BZW04-20
BZW04P20
22.8
17.1
17.1
0.090
0.090
27.7
27.7
14.5
14.5
1.0
1.0
20.5
20.5
0.094
0.094
33.2
1.0
12.0
33.2
1.0
12.0
18.8
0.092
0.092
13.0
30.6
18.8
1.0
13.0
30.6
1.0
25.7
28.4
28.7
25.7
BZW04-23
BZW04P23
23.1
23.1
0.096
0.096
37.5
10.7
37.5
1.0
10.7
1.0
25.7
28.5
31.5
33.0
28.5
BZW04-26
BZW04P26
0.097
41.5
0.097
25.6
1.0
9.6
9.6
41.5
25.6
1.0
28.5
31.4
34.7
36.3
31.4
BZW04-28
BZW04P28
28.2
1.0
8.8
45.7
0.098
0.098
28.2
1.0
8.8
45.7
31.4
34.2
37.8
39.6
34.2
BZW04-31
BZW04P31
0.099
30.8
1.0
8.0
49.9
0.099
30.8
1.0
8.0
49.9
34.2
37.1
41.0
42.9
37.1
BZW04-33
BZW04P33
7.4
53.9
0.100
33.3
1.0
7.4
53.9
0.100
33.3
1.0
37.1
40.9
45.2
47.3
40.9
BZW04-37
BZW04P37
36.8
1.0
6.7
59.3
0.101
40.9
59.3
0.101
36.8
1.0
6.7
44.7
49.4
51.7
44.7
BZW04-40
BZW04P40
64.8
0.101
40.2
1.0
6.2
64.8
0.101
40.2
1.0
6.2
44.7
48.5
53.6
56.1
48.5
BZW04-44
BZW04P44
70.1
0.102
43.6
1.0
5.7
70.1
0.102
43.6
1.0
5.7
48.5
77.0
0.103
47.8
1.0
5.2
77.0
0.103
47.8
1.0
5.2
53.2
58.8
61.6
53.2
BZW04-48
BZW04P48
53.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
A
CA
A
CA
A
CA
A
CA
CA
A
CA
A
3of6


유사한 부품 번호 - BZW04-14CA

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BZW04-14 EIC-BZW04-14 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-14 VISHAY-BZW04-14 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
logo
General Semiconductor
BZW04-14 GE-BZW04-14 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04-14 TAYCHIPST-BZW04-14 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
Diotec Semiconductor
BZW04-14 DIOTEC-BZW04-14 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

유사한 설명 - BZW04-14CA

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com