전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C3V3 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 BZX55C3V3
상세설명  500mW Axial Leaded Small Signal Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZX55C3V3 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZX55C3V3 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZX55C3V3 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
A
A
B
C
D
·
·
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Available with tighter tolerances
Low noise
Very high stability
Low reverse current level
Very sharp reverse characteristic
and WEEE 2002/96/EC
·
·
·
·
Case: DO35 glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel, 30 k/box
TAP/10 k per ammopack (52 mm tape), 30 k/box
·
·
·
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
l = 4 mm, TL = 25 °C
Ptot
500
mW
Z-current
IZ
Ptot/VZ
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA
VF
1.5
V
BZX55-Series
500mW Axial Leaded Small Signal Zener Diodes
1of2


유사한 부품 번호 - BZX55C3V3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55C3V3 VISHAY-BZX55C3V3 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Continental Device Indi...
BZX55C3V3 CDIL-BZX55C3V3 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C3V3 VISHAY-BZX55C3V3 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C3V3 ZSELEC-BZX55C3V3 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C3V3 LUGUANG-BZX55C3V3 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C3V3

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
   0.2A Axial Leaded Small Signal Schottky Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com