전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5800 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF5800
상세설명  Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF5800 데이터시트(HTML) 6 Page - International Rectifier

  IRF5800 Datasheet HTML 1Page - International Rectifier IRF5800 Datasheet HTML 2Page - International Rectifier IRF5800 Datasheet HTML 3Page - International Rectifier IRF5800 Datasheet HTML 4Page - International Rectifier IRF5800 Datasheet HTML 5Page - International Rectifier IRF5800 Datasheet HTML 6Page - International Rectifier IRF5800 Datasheet HTML 7Page - International Rectifier IRF5800 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF5800
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
-VGS, Gate -to -Source Voltage (V)
0.04
0.08
0.12
0.16
0.20
ID = -4.0A
0
5
10
15
20
-ID , Drain Current (A)
0.00
0.05
0.10
0.15
0.20
0.25
VGS = -10V
VGS = -4.5V


유사한 부품 번호 - IRF5800

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5800PBF IRF-IRF5800PBF Datasheet
112Kb / 8P
   HEXFET Power MOSFET
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
More results

유사한 설명 - IRF5800

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com