전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7521D1 데이터시트(PDF) 7 Page - Kersemi Electronic Co., Ltd.

부품명 IRF7521D1
상세설명  Power MOSFET and Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF7521D1 데이터시트(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  IRF7521D1 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF7521D1 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Micro8TM Package Details
Part Marking
INC H ES
M ILLIM E TE RS
M IN
M AX
M IN
M AX
A
0.10 (.004)
0.2 5 (.010)
M
A
M
H
1
2
3
4
8
7 6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.0 8 (.0 03)
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NO TE S :
1 DIM E N S ION IN G A N D T O LE RA N C IN G P E R A N S I Y 14.5M -1982.
2 CO N T R OL L IN G DIM E N S ION : INC H .
3 DIM E NS IONS DO NO T INCL UDE M O L D F L A S H .
A
.0 36
.044
0 .91
1.11
A 1
.0 04
.008
0 .10
0.20
B
.0 10
.014
0 .25
0.36
C
.005
.007
0.13
0.18
D
.116
.120
2.95
3.05
e
.0256 B ASIC
0.65 BAS IC
e 1
.0128 B ASIC
0.33 BAS IC
E
.1 16
.120
2.95
3.0 5
H
.188
.198
4.78
5.03
L
.016
.026
0.4 1
0.66
θ
DIM
LE AD A SSIGN M EN TS
SING LE
DUAL
D D D D
D 1 D1 D2 D2
S S S G
S 1 G 1 S2 G 2
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
RE C OM M E ND ED F O O TP RIN T
1.04
( .0 41 )
8X
0.38
( .015 )
8X
3.2 0
( .126 )
4.2 4
( .167 )
5.2 8
( .2 08 )
0.65
( .02 56 )
6X
IRF7521D1
www.kersemi.com
7
2014-8-8


유사한 부품 번호 - IRF7521D1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7521D1 IRF-IRF7521D1 Datasheet
177Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)
IRF7521D1PBF IRF-IRF7521D1PBF Datasheet
199Kb / 8P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
More results

유사한 설명 - IRF7521D1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
   Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
   Power MOSFET and Schottky Diode
logo
ON Semiconductor
NTTD4401F ONSEMI-NTTD4401F_07 Datasheet
86Kb / 8P
   Power MOSFET and Schottky Diode
January, 2007 ??Rev. 5
NTHD3101F ONSEMI-NTHD3101F Datasheet
140Kb / 7P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 3
NTHD4N02F ONSEMI-NTHD4N02F Datasheet
64Kb / 6P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 7
NTLGF3501NT2G ONSEMI-NTLGF3501NT2G Datasheet
93Kb / 8P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
NTHD4P02F ONSEMI-NTHD4P02F Datasheet
74Kb / 8P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 4
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
   Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
   Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com