전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM2200RMXL2UTAA 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 SM2200RMXL2UTAA
상세설명  TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM2200RMXL2UTAA 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SM2200RMXL2UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA-Compliant SmartPro 120V 2.2kVA 1920W
Line-Interactive Sine Wave UPS, Extended Run,
SNMP, Webcard, 2U Rack/Tower, LCD, USB, DB9
Serial
MODEL NUMBER: SM2200RMXL2UTAA
Description
The SM2200RMXL2UTAA is compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases. Tripp Lite SmartPro Line Interactive UPS with enhanced LCD interface offers network-grade power
protection for critical server, network and telecommunications equipment. Line Interactive Uninterruptible Power
Supply (UPS) with built-in Auto-Voltage Regulation (AVR) actively corrects brownouts and overvoltages back to
usable levels while maintaining a full battery charge in case of power failure. Tripp Lite's unique configuration
excels in exceptionally poor-power environments with two separate levels of voltage boost to correct both slight
undervoltages and severe brownout conditions. Interactive LCD interface reports UPS operating mode, detailed
UPS and site-power data, plus enables a variety of UPS setup and configuration options. Super-fast switchover
from line to battery power occurs within milliseconds to maintain operation of connected equipment without
interruption or reboot. 96% line-mode efficiency offers reduced heat emissions and operating costs. Network
management interfaces support communications via USB, RS-232 and optional SNMPWEBCARD network
interface. HID-compliant USB port enables integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Network communications ports enable detailed monitoring of equipment
load levels, self-test data and utility power conditions. Includes PowerAlert monitoring software and complete
cabling. Switched output load banks enable scheduled and real-time remote reboot and load shedding of select
outlets. Emergency Power Off (EPO) interface. LCD display panel easily rotates for viewing in rackmount or
tower configurations. Audible alarm with push-button momentary alarm-cancel and silent-mode configuration
options. Programmable self-test. Field-replaceable, hot-swappable battery modules.
Features
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Tripp Lite SMART2200RMXL2U line interactive 2U rack/tower UPS with 2200VA / 2.2kVA / 1920W capacity and extended runtime optionsLine interactive
UPS with Automatic Voltage Regulation (AVR) corrects brownouts and overvoltages from 83 to 145V
Highlights
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
2.2kVA / 2200VA / 1920W line
interactive 2U rack/tower UPS,
Sine Wave
120V output, Corrects brownouts
and overvoltages from 83V to
145V
0.9 Power Factor, Interactive
LCD interface
Extended runtime options up to
1600W
4 post compatible mounting
accessories
96% line-mode efficiency, 2
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA 5-20P input, 4
NEMA 5-15R & 4 NEMA
5-15/20R outlets
Applications
Distributed Server Rooms
Network Closets
Small Business Networks
Voice over IP (VoIP) Phone
Systems
Package Includes
SM2200RMXL2UTAA TAA
Compliant UPS system
PowerAlert software with USB,
Serial & EPO cabling
4 post installation kit
Owner's manual
1 / 5


유사한 부품 번호 - SM2200RMXL2UTAA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SM2200RMXL2UPN TRIPPLITE-SM2200RMXL2UPN Datasheet
182Kb / 6P
   SmartPro 120V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results

유사한 설명 - SM2200RMXL2UTAA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200RMXLN TRIPPLITE-SMART2200RMXLN Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com