전자부품 데이터시트 검색엔진 |
|
SM3000RMXLNTAA 데이터시트(PDF) 3 Page - Tripp Lite. All Rights Reserved |
|
SM3000RMXLNTAA 데이터시트(HTML) 3 Page - Tripp Lite. All Rights Reserved |
3 / 5 page UPS Input Connection Type L5-30P UPS Input Cord Length (ft.) 10 UPS Input Cord Length (m) 3 Recommended Electrical Service 30A 120V Input Phase Single-Phase BATTERY Full Load Runtime (min.) 3 min. (2880w) Half Load Runtime (min.) 10 min. (1440w) Expandable Battery Runtime Extended runtime supported via optional external battery packs External Battery Pack Compatibility BP48V24-2U (limit 1); BP48V60RT-3U (multi-pack compatible); BP48V27-2US (multi-pack compatible) DC System Voltage (VDC) 48 Battery Recharge Rate (Included Batteries) Less than 5 hours from 10 to 90% Internal UPS Replacement Battery Cartridge RBC58-2U Battery Access Front panel battery access door Battery Replacement Description Hot-swappable, replaceable batteries VOLTAGE REGULATION Voltage Regulation Description Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 145 Overvoltage Correction Input voltages between 127 and 145 are reduced by 12% Undervoltage Correction Input voltages between 108 and 96 are boosted by 12% Severe Undervoltage Correction Input voltages between 83 and 95 are boosted by 24% USER INTERFACE, ALERTS & CONTROLS Front Panel LCD Display Front panel LCD information and configuration screen offers detailed UPS and site power status and operating data, plus configuration of voltage, operating mode, alarm function and a variety of additional options (see manual for detailed LCD configuration and monitoring options) Switches 3 pushbutton switches control OFF / ON power status, MODE selection and MUTE / ENTER control functions Alarm Cancel Operation Power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option available Audible Alarm Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions SURGE / NOISE SUPPRESSION UPS AC Suppression Joule Rating 570 UPS Dataline Suppression 1 line TEL/DSL or Ethernet EMI / RFI AC Noise Suppression Yes AC Suppression Response Time Instantaneous 3 / 5 |
유사한 부품 번호 - SM3000RMXLNTAA |
|
유사한 설명 - SM3000RMXLNTAA |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |