전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART500RT1U 데이터시트(PDF) 5 Page - Tripp Lite. All Rights Reserved

부품명 SMART500RT1U
상세설명  SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART500RT1U 데이터시트(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SMART500RT1U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART500RT1U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Green Energy-Saving Features
Individually controllable load banks
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5


유사한 부품 번호 - SMART500RT1U_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
More results

유사한 설명 - SMART500RT1U_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com