전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF630NS 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF630NS
상세설명  Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF630NS 데이터시트(HTML) 1 Page - International Rectifier

  IRF630NS Datasheet HTML 1Page - International Rectifier IRF630NS Datasheet HTML 2Page - International Rectifier IRF630NS Datasheet HTML 3Page - International Rectifier IRF630NS Datasheet HTML 4Page - International Rectifier IRF630NS Datasheet HTML 5Page - International Rectifier IRF630NS Datasheet HTML 6Page - International Rectifier IRF630NS Datasheet HTML 7Page - International Rectifier IRF630NS Datasheet HTML 8Page - International Rectifier IRF630NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HEXFET® Power MOSFET
10/11/00
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.3
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
6.5
A
IDM
Pulsed Drain Current

37
PD @TC = 25°C
Power Dissipation
82
W
Linear Derating Factor
0.5
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
94
mJ
IAR
Avalanche Current

9.3
A
EAR
Repetitive Avalanche Energy

8.2
mJ
dv/dt
Peak Diode Recovery dv/dt
†
8.1
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
„
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Description
VDSS = 200V
RDS(on) = 0.30Ω
ID = 9.3A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
D2Pak
IRF630NS
TO-220AB
IRF630N
TO-262
IRF630NL
IRF630N
IRF630NS
IRF630NL
Fifth Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low
on-resistance per
silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation levels
to approximately 50 watts. The low thermal resistance and
low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRF630NL) is available for low-
profile application.
www.irf.com
1
PD - 94005A


유사한 부품 번호 - IRF630NS

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRF630NS FAIRCHILD-IRF630NS Datasheet
209Kb / 11P
   N-Channel Power MOSFETs 200V, 9.3A, 0.30?
logo
International Rectifier
IRF630NS IRF-IRF630NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
logo
TRANSYS Electronics Lim...
IRF630NS TEL-IRF630NS Datasheet
173Kb / 2P
   Power MOSFET
logo
International Rectifier
IRF630NSPBF IRF-IRF630NSPBF Datasheet
292Kb / 11P
   HEXFET Power MOSFET
IRF630NSPBF IRF-IRF630NSPBF Datasheet
340Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF630NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFB9N30A IRF-IRFB9N30A Datasheet
137Kb / 8P
   Power MOSFET(Vdss=300V, Rds(on)=0.45ohm, Id=9.3A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com