전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSOT-24 데이터시트(PDF) 3 Page - Torex Semiconductor

부품명 SSOT-24
상세설명  Packaging Information / Reference Pattern Layout Dimensions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SSOT-24 데이터시트(HTML) 3 Page - Torex Semiconductor

  SSOT-24 Datasheet HTML 1Page - Torex Semiconductor SSOT-24 Datasheet HTML 2Page - Torex Semiconductor SSOT-24 Datasheet HTML 3Page - Torex Semiconductor SSOT-24 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
●SSOT-24 Power Dissipation
Power dissipation data for the SSOT-24 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as the reference data taken in the following condition.
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions 40 x 40 mm (1600 mm2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material: Glass Epoxy (FR-4)
Thickness: 1.6 mm
Through-hole: 4 x 0.8 Diameter
2. Power Dissipation vs. Ambient Temperature (85℃)
Board Mount (Tjmax=125℃)
3. Power Dissipation vs. Ambient Temperature (105℃)
Board Mount (Tjmax=125℃)
Ambient
Temperature
(℃)
Power
Dissipation
Pd (mW)
Thermal
Resistance
(℃/W)
25
500
200.00
85
200
Ambient
Temperature
(℃)
Power
Dissipation
Pd (mW)
Thermal
Resistance
(℃/W)
25
500
200.00
85
100
Evaluation Board (Unit: mm)
Pd vs. Ta
Ambient Temperature Ta(℃)
Pd vs. Ta
Ambient Temperature Ta(℃)


유사한 부품 번호 - SSOT-24

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
SSOT-25 TOREX-SSOT-25 Datasheet
206Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
More results

유사한 설명 - SSOT-24

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
SOP-8 TOREX-SOP-8 Datasheet
313Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
USP-2B02 TOREX-USP-2B02 Datasheet
240Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
USPN-4B02 TOREX-USPN-4B02 Datasheet
219Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-4B01 TOREX-LGA-4B01 Datasheet
309Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
SMA TOREX-SMA Datasheet
223Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
SOD-323A TOREX-SOD-323A Datasheet
262Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
SOD-923 TOREX-SOD-923 Datasheet
178Kb / 2P
   Packaging Information / Reference Pattern Layout Dimensions
SOT-563 TOREX-SOT-563 Datasheet
171Kb / 2P
   Packaging Information / Reference Pattern Layout Dimensions
USP-3 TOREX-USP-3 Datasheet
206Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
USP-4D TOREX-USP-4D Datasheet
300Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-6A01 TOREX-LGA-6A01 Datasheet
192Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com