전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7460 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7460
상세설명  Power MOSFET(Vdss=20V, Id=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7460 데이터시트(HTML) 3 Page - International Rectifier

  IRF7460 Datasheet HTML 1Page - International Rectifier IRF7460 Datasheet HTML 2Page - International Rectifier IRF7460 Datasheet HTML 3Page - International Rectifier IRF7460 Datasheet HTML 4Page - International Rectifier IRF7460 Datasheet HTML 5Page - International Rectifier IRF7460 Datasheet HTML 6Page - International Rectifier IRF7460 Datasheet HTML 7Page - International Rectifier IRF7460 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7460
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
2.7V
V
, Drain-to-Source Voltage (V)
DS
2.7V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
2.7V
V
, Drain-to-Source Voltage (V)
DS
2.7V
1
10
100
2.5
3.0
3.5
4.0
4.5
V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
Fig 4. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
12A


유사한 부품 번호 - IRF7460

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7460 IRF-IRF7460 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRF7460PBF IRF-IRF7460PBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF7460

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
   Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
   Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com