전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART2200SLT 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 SMART2200SLT
상세설명  SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200SLT 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART2200SLT_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200SLT_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200SLT_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200SLT_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2200SLT_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine
Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
MODEL NUMBER: SMART2200SLT
Description
2200VA line-interactive tower UPS system for server, networking and telecommunications equipment. Upright
tower form factor. Offers sine wave 120V nominal output in both AC and battery modes. Switches to battery-derived AC output during power failures and
extreme voltage variations. Line-interactive automatic voltage regulation (AVR) provides voltage boost/cut during brownouts/overvoltages to maintain regulated
120V nominal output over an input voltage range of 83-145V. Includes NEMA 5-20P input plug and 7 UPS-supported (6 x 5-15/20R & 1 L5-20R) output
receptacles. Network-grade AC surge and noise suppression. Network management interfaces support simultaneous communications via USB port, DB9 serial
port and SNMPWEBCARD slot. HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows
and Mac OS X. Supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions via all three network interfaces.
Includes PowerAlert power management software and complete cabling. Three-stage metered current monitoring and battery charge status LEDs. Utility
power and voltage regulation, and battery warning LEDs. Audible alarm. Self-test. Field-replaceable, hot-swappable internal batteries. Attractive all-black color
scheme.
Features
SmartPro line-interactive UPS system is ideal for voice, data, medical and industrial networking applications
Line-interactive voltage regulation maintains selectable 120V nominal output during brownouts as low as 83V and overvoltages to 145V
Enables continuous operation through blackouts, voltage fluctuations and surges
Line-interactive automatic voltage regulation (AVR) provides 12% and 24% voltage boost during brownouts and a 12% voltage cut during overvoltages
Standard internal battery set offers 13 min. runtime at half load (800W) and 5 min. at full load (1600W)
Space-saving upright tower format
Network interfaces support simultaneous communications via built-in USB port, DB9 serial port and SNMPWEBCARD slot
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert power management software supports safe unattended shutdown, monitoring and control via local connected servers, plus any
number of additional servers over IP
UPS interface supports on-battery, low-battery, power-restored, AC-voltage, DC-voltage, output current monitoring, battery charge current, battery
capacity, timed inverter shutoff, activate self-test and output power control
NEMA 5-20P input plug/6 x NEMA 5-15R and 1 x NEMA L5-20R output receptacles
Front panel LEDs provide current monitoring, voltage regulation, battery charge level, and battery warning information
Highlights
2.2kVA / 2200VA line interactive
tower UPS; Sine wave output
120V nominal output during
brownouts to 83 and
overvoltages to 145V
USB, RS232, EPO and optional
SNMP/Web card are available
for simultaneous use
Front panel status LEDs with
detailed load and battery
capacity display
NEMA 5-20P input; 6 NEMA
5-15/20R & 1 L5-20R outlets
Package Includes
SMART2200SLT UPS System
PowerAlert Software and cabling
Owner's manual
1 / 5


유사한 부품 번호 - SMART2200SLT_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
More results

유사한 설명 - SMART2200SLT_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
   SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SM2200RMDVTAA TRIPPLITE-SM2200RMDVTAA Datasheet
502Kb / 5P
   SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Dual Voltage, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RM2UN TRIPPLITE-SMART2200RM2UN Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com