전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART3000RM2UN 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 SMART3000RM2UN
상세설명  SmartPro 120V 3kVA 2.25kW Line Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000RM2UN 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART3000RM2UN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 3kVA 2.25kW Line Interactive Sine
Wave UPS, SNMP, Webcard pre-installed, 2U
Rack/Tower, LCD, USB, DB9 Serial
MODEL NUMBER: SMART3000RM2UN
Description
Tripp Lite SmartPro Line Interactive UPS with enhanced LCD interface offers network-grade power protection for
critical server, network and telecommunications equipment. Line Interactive Uninterruptible Power Supply (UPS)
with built-in Auto-Voltage Regulation (AVR) actively corrects brownouts and overvoltages back to usable levels
while maintaining a full battery charge in case of power failure. Tripp Lite's unique configuration excels in
exceptionally poor-power environments with two separate levels of voltage boost to correct both slight
undervoltages and severe brownout conditions. Interactive LCD interface reports UPS operating mode, detailed
UPS and site-power data, plus enables a variety of UPS setup and configuration options. Super-fast switchover
from line to battery power occurs within milliseconds to maintain operation of connected equipment without
interruption or reboot. 98% line-mode efficiency offers reduced heat emissions and operating costs. Network
management interfaces support communications via USB, RS-232 and pre-installed SNMPWEBCARD network
interface. HID-compliant USB port enables integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Network communications ports enable detailed monitoring of equipment
load levels, self-test data and utility power conditions. Includes PowerAlert monitoring software and complete
cabling. Switched output load banks enable scheduled and real-time remote reboot and load shedding of select
outlets. Emergency Power Off (EPO) interface. LCD display panel easily rotates for viewing in rackmount or
tower configurations. Audible alarm with push-button momentary alarm-cancel and silent-mode configuration
options. Programmable self-test. Field-replaceable, hot-swappable battery modules.
Features
Tripp Lite SMART3000RM2UN line interactive 2U rack/tower UPS with 3000VA / 3kVA capacity (1600W maximum load with external battery packs)
Line interactive UPS with Automatic Voltage Regulation (AVR) corrects brownouts and overvoltages from 83 to 145V
NEMA L5-30P input plug; 8 NEMA 5-15/20R and 1 L5-30R output receptacles, Two independently switchable output load banks
Maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages
High 98% efficiency rating in line-power mode offers reduced power consumption and BTU emisssions
Highlights
3kVA / 3000VA / 2250W line
interactive 2U rack/tower UPS
120V nominal output during
brownouts to 83V and
overvoltages to 145V
Interactive LCD provides UPS
status information and advanced
configuration options
USB, RS232, EPO and
Pre-installed SNMPWEBCARD
interface
Hot-swap batteries, 98%
efficiency, Sine wave output
2 independently switchable
output load banks
NEMA L5-30P input, 8 NEMA
5-15/20R & 1 L5-30R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Applications
Distributed Server Rooms
Network Closets
Small Business Networks
Voice over IP (VoIP) Phone
Systems
Package Includes
SMART3000RM2UN UPS
System with Pre-installed
SNMPWEBCARD
PowerAlert Software with USB,
Serial & EPO cabling
4-post rackmount installation kit
Instruction manual
1 / 5


유사한 부품 번호 - SMART3000RM2UN

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART3000RM2UL TRIPPLITE-SMART3000RM2UL Datasheet
172Kb / 5P
   SmartPro UPS, Lithium Battery Backup - 120V 3kVA Line Interactive, 2U, Sine Wave, LCD
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
More results

유사한 설명 - SMART3000RM2UN

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200RM2UN TRIPPLITE-SMART2200RM2UN Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX3000RT2UTAA TRIPPLITE-SMX3000RT2UTAA Datasheet
487Kb / 5P
   TAA-Compliant SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART1500RMXLN TRIPPLITE-SMART1500RMXLN Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com