전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5305S 데이터시트(PDF) 4 Page - Kersemi Electronic Co., Ltd.

부품명 IRF5305S
상세설명  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF5305S 데이터시트(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRF5305S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF5305S Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
500
1000
1500
2000
2500
1
1 0
100
A
V
= 0V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
g d
d s
rs s
g d
o ss
ds
g d
C iss
C oss
Crss
DS
-V
, D rain-to -S o urc e V oltag e (V )
0
4
8
12
16
20
0
1 02 0
3 04 05 06 0
Q
, T otal G ate C harge (nC )
G
A
F O R TE S T CIR C U IT
S E E F IG U R E 1 3
V
= -4 4V
V
= -2 8V
I
= -16 A
D
DS
DS
10
100
1000
0.4
0.8
1.2
1.6
2.0
T = 2 5°C
J
V
= 0 V
GS
SD
A
-V
, S o urc e -to -D rain V o lta g e (V )
T = 175°C
J
1
10
100
1000
1
1 0
100
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J
DS
-V
, D rain-to-S ourc e V oltage (V )
IRF5305S/L
2014-8-30
4
www.kersemi.com


유사한 부품 번호 - IRF5305S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
706Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF5305S ISC-IRF5305S Datasheet
297Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF5305SLPBF IRF-IRF5305SLPBF Datasheet
706Kb / 11P
   Advanced Process Technology
IRF5305SPBF IRF-IRF5305SPBF Datasheet
697Kb / 10P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF5305S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com