전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9520NS 데이터시트(PDF) 1 Page - Kersemi Electronic Co., Ltd.

부품명 IRF9520NS
상세설명  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9520NS 데이터시트(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF9520NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF9520NS/L
VDSS = -100V
RDS(on) = 0.48Ω
ID = -6.8A
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.1
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V…
-6.8
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V…
-4.8
A
IDM
Pulsed Drain Current
…
-27
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
48
W
Linear Derating Factor
0.32
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
140
mJ
IAR
Avalanche Current

-4.0
A
EAR
Repetitive Avalanche Energy

4.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRF9520L) is available for low-
profile applications.
Description
l Advanced Process Technology
l Surface Mount (IRF9520S)
l Low-profile through-hole (IRF9520L)
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
TO-263
TO-262
2014-8-30
1
www.kersemi.com


유사한 부품 번호 - IRF9520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NS IRF-IRF9520NS Datasheet
166Kb / 11P
   Advanced Process Technology
IRF9520NSPBF IRF-IRF9520NSPBF Datasheet
415Kb / 10P
   HEXFET Power MOSFET
IRF9520NSPBF IRF-IRF9520NSPBF Datasheet
424Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRF9520NSPBF IRF-IRF9520NSPBF_15 Datasheet
424Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRF9520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com