전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9520NS 데이터시트(PDF) 10 Page - Kersemi Electronic Co., Ltd.

부품명 IRF9520NS
상세설명  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9520NS 데이터시트(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF9520NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF9520NS Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape & Reel Information
D2Pak
3
4
4
TR R
F E E D D IRE CTIO N
1.85 ( .0 73)
1.65 ( .0 65)
1.60 (.0 63)
1.50 (.0 59)
4.10 ( .161)
3.90 ( .153)
TR L
F E E D D IRE CTIO N
10.90 (.429)
10.70 (.421)
16.10 ( .634)
15.90 ( .626)
1.75 (.069)
1.25 (.049)
1 1.6 0 (.457)
1 1.4 0 (.449)
15.4 2 (.609)
15.2 2 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13 .5 0 (.53 2)
12 .8 0 (.50 4)
330.00
( 14.1 73)
M AX.
27 .40 ( 1.0 79)
23 .90 ( .94 1)
60.00 (2.3 62)
M IN .
30 .40 (1.19 7)
M A X .
26 .40 (1 .03 9)
24 .40 (.9 61 )
NO T ES :
1. C O M F O R M S T O E IA-4 18.
2. C O N TR O LL IN G D IM E N S IO N : M IL LIM E T E R .
3. DIM E NSIO N M EASU R ED @ H U B.
4. IN C LU D E S F L AN GE D IS T OR T ION @ OU TE R E D GE.
IRF9520NS/L
2014-8-30
10
www.kersemi.com


유사한 부품 번호 - IRF9520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NS IRF-IRF9520NS Datasheet
166Kb / 11P
   Advanced Process Technology
IRF9520NSPBF IRF-IRF9520NSPBF Datasheet
415Kb / 10P
   HEXFET Power MOSFET
IRF9520NSPBF IRF-IRF9520NSPBF Datasheet
424Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRF9520NSPBF IRF-IRF9520NSPBF_15 Datasheet
424Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRF9520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com