전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB11N50A 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFB11N50A
상세설명  Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB11N50A 데이터시트(HTML) 6 Page - International Rectifier

  IRFB11N50A Datasheet HTML 1Page - International Rectifier IRFB11N50A Datasheet HTML 2Page - International Rectifier IRFB11N50A Datasheet HTML 3Page - International Rectifier IRFB11N50A Datasheet HTML 4Page - International Rectifier IRFB11N50A Datasheet HTML 5Page - International Rectifier IRFB11N50A Datasheet HTML 6Page - International Rectifier IRFB11N50A Datasheet HTML 7Page - International Rectifier IRFB11N50A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFB11N5OA
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
Fig 12d. Typical Drain-to-Source Voltage
Vs. Avalanche Current
580
600
620
640
660
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
A
av
I
, A valanche C urrent (A )
25
50
75
100
125
150
0
100
200
300
400
500
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.9A
7.0A
11A


유사한 부품 번호 - IRFB11N50A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFB11N50A VISHAY-IRFB11N50A Datasheet
159Kb / 8P
   Power MOSFET
Rev. B, 21-Jul-08
IRFB11N50A VISHAY-IRFB11N50A Datasheet
178Kb / 8P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRFB11N50A ISC-IRFB11N50A Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFB11N50APBF VISHAY-IRFB11N50APBF Datasheet
159Kb / 8P
   Power MOSFET
Rev. B, 21-Jul-08
IRFB11N50APBF VISHAY-IRFB11N50APBF Datasheet
178Kb / 8P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFB11N50A

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com