전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFBC30L 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFBC30L
상세설명  Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFBC30L 데이터시트(HTML) 8 Page - International Rectifier

Back Button IRFBC30L Datasheet HTML 2Page - International Rectifier IRFBC30L Datasheet HTML 3Page - International Rectifier IRFBC30L Datasheet HTML 4Page - International Rectifier IRFBC30L Datasheet HTML 5Page - International Rectifier IRFBC30L Datasheet HTML 6Page - International Rectifier IRFBC30L Datasheet HTML 7Page - International Rectifier IRFBC30L Datasheet HTML 8Page - International Rectifier IRFBC30L Datasheet HTML 9Page - International Rectifier IRFBC30L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFBC30S/L
D2Pak Package Outline
D2Pak
Part Marking Information
10.16 (.400)
RE F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.89 (.350)
RE F.
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1.39 (.055)
1.14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 ( .415)
10.29 ( .405)
- A -
2
1
3
15.49 (.610)
14.73 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 ( .200)
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
MAX.
NO TE S:
1 DIM ENS IO NS AF T ER S OLDE R DIP .
2 DIM ENS IO NING & TO LERA NCING PE R ANS I Y 14.5M, 1982.
3 CO NT RO LLING DIME NSIO N : INCH.
4 HE AT SINK & LEAD DIMEN SION S DO NO T INCLUDE BURRS.
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MINIMUM RECO MM ENDED F OO TP RINT
11.43 (.450)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2X
LE AD ASS IG NM ENT S
1 - G AT E
2 - DRA IN
3 - S OU RC E
2.54 (.100)
2X
PART NU MBER
IN TER NATION AL
REC TIFIER
L OGO
DATE CODE
(YYW W )
YY = YEAR
WW = WEE K
AS SEMBLY
LOT
CODE
F53 0S
9B
1M
9246
A


유사한 부품 번호 - IRFBC30L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBC30L IRF-IRFBC30L Datasheet
147Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
logo
Vishay Siliconix
IRFBC30L VISHAY-IRFBC30L Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 10-Jun-08
IRFBC30L VISHAY-IRFBC30L Datasheet
310Kb / 11P
   Power MOSFET
01-Jan-2022
IRFBC30LPBF VISHAY-IRFBC30LPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 10-Jun-08
More results

유사한 설명 - IRFBC30L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFPC30 IRF-IRFPC30 Datasheet
167Kb / 6P
   Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com