전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRFI3205 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFI3205
상세설명  Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFI3205 데이터시트(HTML) 7 Page - International Rectifier

  IRFI3205 Datasheet HTML 1Page - International Rectifier IRFI3205 Datasheet HTML 2Page - International Rectifier IRFI3205 Datasheet HTML 3Page - International Rectifier IRFI3205 Datasheet HTML 4Page - International Rectifier IRFI3205 Datasheet HTML 5Page - International Rectifier IRFI3205 Datasheet HTML 6Page - International Rectifier IRFI3205 Datasheet HTML 7Page - International Rectifier IRFI3205 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFI3205
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


유사한 부품 번호 - IRFI3205

제조업체부품명데이터시트상세설명
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRFI3205 ISC-IRFI3205 Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
International Rectifier
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF Datasheet
276Kb / 9P
   HEXFET짰 Power MOSFET
IRFI3205PBF IRF-IRFI3205PBF Datasheet
282Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
Infineon Technologies AG
Infineon Technologies A...
IRFI3205PBF INFINEON-IRFI3205PBF Datasheet
510Kb / 9P
   Advanced Process Technology
2017-04-27
International Rectifier
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF_15 Datasheet
282Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRFI3205

제조업체부품명데이터시트상세설명
International Rectifier
International Rectifier
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com