전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM520AF 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM520AF
상세설명  5.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM520AF 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM520AF_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM520AF_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM520AF~SM5200AF
20 V ~ 200 V
5.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
07-Feb-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


유사한 부품 번호 - SM520AF_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM520AF AITSEMI-SM520AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

유사한 설명 - SM520AF_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
   5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
   5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520-200V-DO-214AA DGNJDZ-SS520-200V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520F-200V.SMAF DGNJDZ-SS520F-200V.SMAF Datasheet
517Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK54.5A-DO-214AB DGNJDZ-SK54.5A-DO-214AB Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK52.5A-DO-214AB DGNJDZ-SK52.5A-DO-214AB Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52-20V-DO-214AB DGNJDZ-SS52-20V-DO-214AB Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM520C UNIOHM-SM520C Datasheet
66Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com