전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP054N 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP054N
상세설명  Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP054N 데이터시트(HTML) 4 Page - International Rectifier

  IRFP054N Datasheet HTML 1Page - International Rectifier IRFP054N Datasheet HTML 2Page - International Rectifier IRFP054N Datasheet HTML 3Page - International Rectifier IRFP054N Datasheet HTML 4Page - International Rectifier IRFP054N Datasheet HTML 5Page - International Rectifier IRFP054N Datasheet HTML 6Page - International Rectifier IRFP054N Datasheet HTML 7Page - International Rectifier IRFP054N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP054N
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
1000
2000
3000
4000
5000
1
10
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0 V,
f = 1M H z
C
= C
+ C
, C
SH O RTE D
C
= C
C
= C
+ C
GS
is s
gs
gd
ds
rs s
gd
o ss
ds
g d
C is s
C os s
C rs s
0
4
8
12
16
20
0
20
40
60
80
100
120
140
Q
, T otal G ate Ch arg e (n C)
G
A
FO R TE ST CIRCUIT
SEE FIG U R E 13
I
= 4 3A
V
= 4 4V
V
= 2 8V
D
DS
DS
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T = 2 5°C
J
V
= 0 V
GS
V
, Source-to-D rain Vo ltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, D rain-to-S ou rce V olta ge (V)
DS
O PER ATION IN TH IS AR EA L IMI TED
BY R DS (on)
10µ s
100 µs
1ms
10m s
A
T
= 2 5°C
T
= 1 75 °C
Sing le P uls e
C
J


유사한 부품 번호 - IRFP054N

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRFP054N KERSEMI-IRFP054N Datasheet
729Kb / 8P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRFP054N ISC-IRFP054N Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP054NPBF IRF-IRFP054NPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
IRFP054NPBF IRF-IRFP054NPBF Datasheet
1Mb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRFP054NPBF IRF-IRFP054NPBF_15 Datasheet
1Mb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRFP054N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFZ34N IRF-IRFZ34N Datasheet
195Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A)
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com