전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP064V 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFP064V
상세설명  Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP064V 데이터시트(HTML) 8 Page - International Rectifier

  IRFP064V Datasheet HTML 1Page - International Rectifier IRFP064V Datasheet HTML 2Page - International Rectifier IRFP064V Datasheet HTML 3Page - International Rectifier IRFP064V Datasheet HTML 4Page - International Rectifier IRFP064V Datasheet HTML 5Page - International Rectifier IRFP064V Datasheet HTML 6Page - International Rectifier IRFP064V Datasheet HTML 7Page - International Rectifier IRFP064V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP064V
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Automotive [Q101] market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01
TO-247AC Part Marking Information
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
L EAD AS S IG N M E NT S
NO T ES:
- D -
5.30 (.209 )
4.70 (.185 )
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2.60 (.102 )
2.20 (.087 )
3.40 (.133 )
3.00 (.118 )
3X
0.25 (.0 10 ) M
CA S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.2 17 )
0.25 (.010)
1.40 (.056 )
1.00 (.039 )
3.65 (.14 3 )
3.55 (.14 0 )
D
MM
B
- A -
15.90 (.6 26 )
15.30 (.6 02 )
- B -
1
23
20.30 (.80 0 )
19.70 (.77 5 )
14.80 (.5 83 )
14.20 (.5 59 )
2.40 (.09 4 )
2.00 (.07 9 )
2X
2X
5.45 (.215)
1 DIM E NSIO NING & T O LE R A N C IN G
P E R A N S I Y 14.5M , 1982.
2 CO NT R O L L ING DIM E NSIO N : INCH.
3 CO NF O R M S T O JE DEC O U T L IN E
T O - 24 7 - A C .
1 - G A TE
2 - D R A IN
3 - S O U R C E
4 - D R A IN
IN TER N AT IO N A L
R EC T IFIE R
L O G O
ASSEMBL Y
LO T
CO DE
E XA MP L E :
TH IS IS A N IR F P E3 0
W ITH A S SE M BL Y
L O T C O D E 3 A 1 Q
PAR T N U MBER
DATE C O DE
(YYW W )
YY = YEA R
WW W E EK
3A 1Q
9302
IR F PE 3 0
A


유사한 부품 번호 - IRFP064V

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP064VPBF IRF-IRFP064VPBF Datasheet
168Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFP064V

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFL1006 IRF-IRFL1006 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=60V, Rds(on)=0.22ohm, Id=1.6A)
IRFP048 IRF-IRFP048 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com