전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP140N 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFP140N
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP140N 데이터시트(HTML) 6 Page - International Rectifier

  IRFP140N Datasheet HTML 1Page - International Rectifier IRFP140N Datasheet HTML 2Page - International Rectifier IRFP140N Datasheet HTML 3Page - International Rectifier IRFP140N Datasheet HTML 4Page - International Rectifier IRFP140N Datasheet HTML 5Page - International Rectifier IRFP140N Datasheet HTML 6Page - International Rectifier IRFP140N Datasheet HTML 7Page - International Rectifier IRFP140N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP140N
6
www.irf.com
Fig 12a. Unclamped Inductive Test Circuit
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
10 V
Fig 12b. Unclamped Inductive Waveforms
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
QG
QGS
QGD
VG
Charge
10 V
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
100
200
300
400
500
600
700
25
50
75
100
125
150
175
J
A
Starting T , J unc tion T em perature (°C )
V
= 25 V
I
TO P
6 .6A
1 1A
B O TTO M
16 A
DD
D


유사한 부품 번호 - IRFP140N

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IRFP140N ISC-IRFP140N Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP140NPBF IRF-IRFP140NPBF Datasheet
345Kb / 8P
   HEXFET Power MOSFET
IRFP140NPBF IRF-IRFP140NPBF Datasheet
353Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRFP140NPBF VBSEMI-IRFP140NPBF Datasheet
1Mb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

유사한 설명 - IRFP140N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com