전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP140N 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFP140N
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP140N 데이터시트(HTML) 8 Page - International Rectifier

  IRFP140N Datasheet HTML 1Page - International Rectifier IRFP140N Datasheet HTML 2Page - International Rectifier IRFP140N Datasheet HTML 3Page - International Rectifier IRFP140N Datasheet HTML 4Page - International Rectifier IRFP140N Datasheet HTML 5Page - International Rectifier IRFP140N Datasheet HTML 6Page - International Rectifier IRFP140N Datasheet HTML 7Page - International Rectifier IRFP140N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP140N
8
www.irf.com
Package Outline
TO-247AC Outline
Dimensions are shown in millimeters (inches)
TO-247AC
Part Marking Information
L EAD ASSIG N M EN TS
NO T ES :
- D -
5 .30 (.209 )
4 .70 (.185 )
2.5 0 (.08 9)
1.5 0 (.05 9)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2.60 (.1 02)
2.20 (.0 87)
3 .40 (.133 )
3 .00 (.118 )
3X
0.2 5 (.0 10)
M
CA S
4.3 0 (.1 70)
3.7 0 (.1 45)
- C -
2X
5.50 (.21 7)
4.50 (.17 7)
5 .50 (.217)
0.25 (.0 10)
1.4 0 (.0 56)
1.0 0 (.0 39)
3.65 (.1 43)
3.55 (.1 40)
D
M
M
B
- A -
15.90 (.62 6)
15.30 (.60 2)
- B -
12
3
20 .30 (.800)
19 .70 (.775)
14.8 0 (.5 83)
14.2 0 (.5 59)
2.40 (.09 4)
2.00 (.07 9)
2X
2X
5.45 (.2 15)
1 DIM ENS IO NING & T O LE RANCING
P ER AN S I Y1 4.5M , 1 98 2.
2 CO NT RO LL IN G DIM ENS IO N : IN CH .
3 CO N F O RM S T O JED E C O U T LINE
T O -2 47 -A C .
1 - GA TE
2 - DRAIN
3 - S O URCE
4 - DRAIN
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
ASS EM B L Y
L O T
C O D E
E X A M P L E :
T H IS IS A N IR F P E 3 0
W IT H A S S E M B L Y
L O T C O D E 3 A 1 Q
P A R T N U M BER
DA T E CO D E
(Y Y WW)
YY = Y EAR
WW WE E K
3 A 1Q
930 2
IR F PE3 0
A
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice. 8/98


유사한 부품 번호 - IRFP140N

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IRFP140N ISC-IRFP140N Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP140NPBF IRF-IRFP140NPBF Datasheet
345Kb / 8P
   HEXFET Power MOSFET
IRFP140NPBF IRF-IRFP140NPBF Datasheet
353Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRFP140NPBF VBSEMI-IRFP140NPBF Datasheet
1Mb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

유사한 설명 - IRFP140N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com