전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP17N50LS 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP17N50LS
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP17N50LS 데이터시트(HTML) 1 Page - International Rectifier

  IRFP17N50LS Datasheet HTML 1Page - International Rectifier IRFP17N50LS Datasheet HTML 2Page - International Rectifier IRFP17N50LS Datasheet HTML 3Page - International Rectifier IRFP17N50LS Datasheet HTML 4Page - International Rectifier IRFP17N50LS Datasheet HTML 5Page - International Rectifier IRFP17N50LS Datasheet HTML 6Page - International Rectifier IRFP17N50LS Datasheet HTML 7Page - International Rectifier IRFP17N50LS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP17N50LS
11/28/01
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
16
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
11
A
IDM
Pulsed Drain Current

64
PD @TC = 25°C
Power Dissipation
220
W
Linear Derating Factor
1.8
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
13
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Absolute Maximum Ratings
Benefits
Applications
Mounting Torque, 6-32 or M3 screw
lbft.in(N.m)
10
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l ZVS and High Frequency Circuit
l PWM Inverters
l Low Gate Charge Qg results in Simple Drive Requirement
l Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
l Fully Characterized Capacitance and Avalanche Voltage
and Current
l Low Trr and Soft Diode Recovery
l High Performance Optimised Anti-parallel Diode
Typical SMPS Topologies
l Bridge Converters
l All Zero Voltage Switching
S
D
G
Diode Characteristics
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
16
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
64
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 16A, VGS = 0V
„
–––
170
250
TJ = 25°C
IF = 16A
–––
220
330
TJ = 125°C
di/dt = 100A/µs
„
–––
470
710
TJ = 25°C
–––
810 1210
TJ = 125°C
IRRM
Reverse Recovery Current
–––
7.3
11
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
ns
nC
PD - 94351
SMD-247
VDSS
RDS(on) typ.
Trr
ID
500V
0.28
170ns
16A


유사한 부품 번호 - IRFP17N50LS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
logo
Vishay Siliconix
IRFP17N50L VISHAY-IRFP17N50L Datasheet
845Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP17N50L ISC-IRFP17N50L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP17N50L VISHAY-IRFP17N50L Datasheet
212Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP17N50L VISHAY-IRFP17N50L Datasheet
234Kb / 10P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP17N50LS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com