전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP22N50A 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFP22N50A
상세설명  Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP22N50A 데이터시트(HTML) 6 Page - International Rectifier

  IRFP22N50A Datasheet HTML 1Page - International Rectifier IRFP22N50A Datasheet HTML 2Page - International Rectifier IRFP22N50A Datasheet HTML 3Page - International Rectifier IRFP22N50A Datasheet HTML 4Page - International Rectifier IRFP22N50A Datasheet HTML 5Page - International Rectifier IRFP22N50A Datasheet HTML 6Page - International Rectifier IRFP22N50A Datasheet HTML 7Page - International Rectifier IRFP22N50A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP22N50A
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
0
500
1000
1500
2000
2500
3000
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
9.8A
14A
22A
Fig 12d. Typical Drain-to-Source Voltage
Vs. Avalanche Current
570
580
590
600
610
620
630
640
0
4
8
1 21 6
2 02 4
A
av
I
, A valan ch e C urre n t (A )


유사한 부품 번호 - IRFP22N50A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
IRFP22N50A VISHAY-IRFP22N50A Datasheet
319Kb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP22N50A ISC-IRFP22N50A Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
342Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP22N50A VISHAY-IRFP22N50A Datasheet
321Kb / 10P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP22N50A

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA22N50A IRF-IRFBA22N50A Datasheet
106Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com