전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP22N50A 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFP22N50A
상세설명  Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP22N50A 데이터시트(HTML) 8 Page - International Rectifier

  IRFP22N50A Datasheet HTML 1Page - International Rectifier IRFP22N50A Datasheet HTML 2Page - International Rectifier IRFP22N50A Datasheet HTML 3Page - International Rectifier IRFP22N50A Datasheet HTML 4Page - International Rectifier IRFP22N50A Datasheet HTML 5Page - International Rectifier IRFP22N50A Datasheet HTML 6Page - International Rectifier IRFP22N50A Datasheet HTML 7Page - International Rectifier IRFP22N50A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP22N50A
8
www.irf.com
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
Data and specifications subject to change without notice. 12/99
TO-247AC Part Marking Information
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
LE AD A S SIG N MEN TS
NO TES :
- D -
5.30 ( .209)
4.70 ( .185)
2.50 (.08 9)
1.50 (.05 9)
4
3X
0 .80 (.03 1)
0 .40 (.01 6)
2.60 ( .102)
2.20 ( .087)
3 .40 (.13 3)
3 .00 (.11 8)
3X
0.25 ( .010) M
CA S
4.3 0 (.1 70)
3.7 0 (.1 45)
- C -
2X
5.5 0 (.2 17)
4.5 0 (.1 77)
5 .50 (. 217 )
0.25 ( .0 1 0)
1.40 (.056)
1.00 (.039)
3.65 ( .143)
3.55 ( .140)
D
MM
B
- A -
15 .90 (.626)
15 .30 (.602)
- B -
12
3
20.30 (.80 0)
19.70 (.77 5)
14 .80 (.583)
14 .20 (.559)
2 .40 (. 094 )
2 .00 (. 079 )
2X
2X
5.45 (.21 5)
1 DIME NSIONING & TO LE RANCING
P E R A NS I Y14.5M, 1982.
2 CONTROLLING DIME NSIO N : IN CH .
3 CONF OR MS TO JEDEC OU TLIN E
T O-247-A C .
1 - GA TE
2 - DR AIN
3 - SO URCE
4 - DR AIN
IN T E R N A T IO N A L
R E C T IF I E R
L O G O
A S S E M B L Y
L O T
CO DE
EXAM PL E :
T H IS IS AN IR F PE3 0
W IT H ASSEM BL Y
L O T C O D E 3 A 1 Q
P A R T N U M BER
D A T E CO DE
(Y Y W W )
Y Y = Y E A R
WW WE E K
3A 1Q
9302
IR F P E 3 0
A
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
ƒ I
SD ≤ 22A, di/dt ≤ 190A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 4.87mH
RG = 25Ω, IAS = 22A. (See Figure 12a)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS


유사한 부품 번호 - IRFP22N50A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
IRFP22N50A VISHAY-IRFP22N50A Datasheet
319Kb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP22N50A ISC-IRFP22N50A Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
342Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP22N50A VISHAY-IRFP22N50A Datasheet
321Kb / 10P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP22N50A

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA22N50A IRF-IRFBA22N50A Datasheet
106Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com