전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP253 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP253
상세설명  N-Channel(Hexfet Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP253 데이터시트(HTML) 2 Page - International Rectifier

  IRFP253 Datasheet HTML 1Page - International Rectifier IRFP253 Datasheet HTML 2Page - International Rectifier IRFP253 Datasheet HTML 3Page - International Rectifier IRFP253 Datasheet HTML 4Page - International Rectifier IRFP253 Datasheet HTML 5Page - International Rectifier IRFP253 Datasheet HTML 6Page - International Rectifier IRFP253 Datasheet HTML 7Page - International Rectifier IRFP253 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image


유사한 부품 번호 - IRFP253

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRFP253 SAMSUNG-IRFP253 Datasheet
518Kb / 7P
   N-Channel Power Mosfets
logo
IXYS Corporation
IRFP253 IXYS-IRFP253 Datasheet
49Kb / 1P
   High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
Inchange Semiconductor ...
IRFP253 ISC-IRFP253 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP253

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFD010 IRF-IRFD010 Datasheet
442Kb / 6P
   HEXFET TRANSISTORS N-CHANNEL HEXDIP
IRFD020 IRF-IRFD020 Datasheet
238Kb / 6P
   HEXFET TRANSISTORS N-CHANNEL HEXDIP
IRFD9020 IRF-IRFD9020 Datasheet
442Kb / 6P
   HEXFET TRANSISTORS P CHANNEL HEXDIP
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
   HEXFET TRANSISTOR, N-CHANNEL
IRF224 IRF-IRF224 Datasheet
398Kb / 6P
   HEXFET TRANSISTORS
IRFF9024 IRF-IRFF9024 Datasheet
135Kb / 7P
   HEXFET TRANSISTORS
IRFZ22 IRF-IRFZ22 Datasheet
237Kb / 6P
   HEXFET TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6755 NJSEMI-2N6755 Datasheet
409Kb / 3P
   HEXFET TRANSISTORS
logo
International Rectifier
IRFAF40 IRF-IRFAF40 Datasheet
151Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) 900V, N-CHANNEL
IRFM360 IRF-IRFM360 Datasheet
514Kb / 7P
   400V, N-CHANNEL HEXFET MOSFETTECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com