전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1200B 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM1200B
상세설명  1.0 A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1200B 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1200B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1200B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1200B
VOLTAGE 200 V
1.0 A Schottky Barrier Rectifiers
09-Jul-2010 Rev. A
Page 1 of 2
DO-214AA (SMB)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
Dimens ions in inche
s and (millimeters )
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Low forward voltage drop
PACKAGING INFORMATION
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Metallurgically bonded construction
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SM1200B
UNITS
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VRWM
VR
200
200
200
V
Maximum Average Forward Rectified Current See Fig. 1
IF(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
25
A
Maximum Instantaneous Forward Voltage @ IF=1A TA=25°C
(Note: 3)
@ IF=1A TA=125°C
VF
0.9
0.72
V
Maximum DC Reverse Current
@ TA = 25°C
At Rated DC Blocking Voltage
@ TA = 125°C
(Note: 3)
IR
30
5
uA
mA
Typical Junction Capacitance (Note1)
CJ
50
pF
Typical Thermal Resistance
RθJL
25
°C/W
Operating Temperature Range
TJ
-50 ~ + 150
°C
Storage temperature
TSTG
-65 ~ + 175
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0 V D.C.
2. Thermal Resistance Junction to Lead.
3. Pulse test: 300us pulse width, 1% duty cycle


유사한 부품 번호 - SM1200B_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM1200B SECOS-SM1200B Datasheet
102Kb / 2P
   1.0 A Schottky Barrier Rectifiers
More results

유사한 설명 - SM1200B_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM120FL SECOS-SM120FL Datasheet
283Kb / 3P
   1.0 A Schottky Barrier Rectifiers
SM1150B SECOS-SM1150B_15 Datasheet
351Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A Datasheet
52Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1150B SECOS-SM1150B Datasheet
351Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200B SECOS-SM1200B Datasheet
102Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A_15 Datasheet
57Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
   1.0 A Surface Mount Schottky Barrier Rectifiers
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
   1.0 A, 60 V Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
   1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com