전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP27N60K 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP27N60K
상세설명  Power MOSFET(Vdss=600V, Rds(on)typ.=180mohm, Id=27A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP27N60K 데이터시트(HTML) 1 Page - International Rectifier

  IRFP27N60K Datasheet HTML 1Page - International Rectifier IRFP27N60K Datasheet HTML 2Page - International Rectifier IRFP27N60K Datasheet HTML 3Page - International Rectifier IRFP27N60K Datasheet HTML 4Page - International Rectifier IRFP27N60K Datasheet HTML 5Page - International Rectifier IRFP27N60K Datasheet HTML 6Page - International Rectifier IRFP27N60K Datasheet HTML 7Page - International Rectifier IRFP27N60K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP27N60K
03/20/02
www.irf.com
1
PD - 94407
SMPS MOSFET
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
27
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
18
A
IDM
Pulsed Drain Current

110
PD @TC = 25°C
Power Dissipation
500
W
Linear Derating Factor
4.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
13
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
530
mJ
IAR
Avalanche Current

–––
27
A
EAR
Repetitive Avalanche Energy

–––
50
mJ
Avalanche Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.29
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
l Hard Switching Primary or PFC Switch
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l Motor Drive
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Enhanced Body Diode dv/dt Capability
TO-247AC
VDSS
RDS(on) typ.
ID
600V
180m
27A


유사한 부품 번호 - IRFP27N60K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP27N60K VISHAY-IRFP27N60K Datasheet
156Kb / 8P
   Power MOSFET
S-Pending-Rev. B, 12-Jun-08
IRFP27N60K VISHAY-IRFP27N60K Datasheet
191Kb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
Inchange Semiconductor ...
IRFP27N60K ISC-IRFP27N60K Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP27N60K VISHAY-IRFP27N60K Datasheet
214Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP27N60K VISHAY-IRFP27N60K Datasheet
211Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP27N60K

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRFRU4105 IRF-IRFRU4105 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
IRFB18N50K IRF-IRFB18N50K Datasheet
83Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
   HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com