전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP31N50L 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP31N50L
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP31N50L 데이터시트(HTML) 3 Page - International Rectifier

  IRFP31N50L Datasheet HTML 1Page - International Rectifier IRFP31N50L Datasheet HTML 2Page - International Rectifier IRFP31N50L Datasheet HTML 3Page - International Rectifier IRFP31N50L Datasheet HTML 4Page - International Rectifier IRFP31N50L Datasheet HTML 5Page - International Rectifier IRFP31N50L Datasheet HTML 6Page - International Rectifier IRFP31N50L Datasheet HTML 7Page - International Rectifier IRFP31N50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP31N50L
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
0.1
1
10
100
0.1
1
10
100

20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
0.1
1
10
100
1000
4
5
6
7
8
9
10
11

V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°


V
=
I =
GS
D
10V
31A


유사한 부품 번호 - IRFP31N50L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
158Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
IRFP31N50L VISHAY-IRFP31N50L Datasheet
201Kb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
Inchange Semiconductor ...
IRFP31N50L ISC-IRFP31N50L Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
223Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP31N50LPBF VISHAY-IRFP31N50LPBF Datasheet
158Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

유사한 설명 - IRFP31N50L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com