전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP31N50L 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP31N50L
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP31N50L 데이터시트(HTML) 4 Page - International Rectifier

  IRFP31N50L Datasheet HTML 1Page - International Rectifier IRFP31N50L Datasheet HTML 2Page - International Rectifier IRFP31N50L Datasheet HTML 3Page - International Rectifier IRFP31N50L Datasheet HTML 4Page - International Rectifier IRFP31N50L Datasheet HTML 5Page - International Rectifier IRFP31N50L Datasheet HTML 6Page - International Rectifier IRFP31N50L Datasheet HTML 7Page - International Rectifier IRFP31N50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP31N50L
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
40
80
120
160
0
4
8
12
16
Q , Total Gate Charge (nC)
G

I =
D
31A

V
= 100V
DS
V
= 250V
DS
V
= 400V
DS
0.1
1
10
100
1000
0.2
0.6
1.0
1.4
1.8
V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
1
10
100
1000
10
100
1000

OPERATION IN THIS AREA LIMITED
BY RDS(on)

Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS

10us

100us

1ms

10ms
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
1000000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd


유사한 부품 번호 - IRFP31N50L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
158Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
IRFP31N50L VISHAY-IRFP31N50L Datasheet
201Kb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
Inchange Semiconductor ...
IRFP31N50L ISC-IRFP31N50L Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
223Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP31N50LPBF VISHAY-IRFP31N50LPBF Datasheet
158Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

유사한 설명 - IRFP31N50L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com