전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP31N50L 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP31N50L
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP31N50L 데이터시트(HTML) 1 Page - International Rectifier

  IRFP31N50L Datasheet HTML 1Page - International Rectifier IRFP31N50L Datasheet HTML 2Page - International Rectifier IRFP31N50L Datasheet HTML 3Page - International Rectifier IRFP31N50L Datasheet HTML 4Page - International Rectifier IRFP31N50L Datasheet HTML 5Page - International Rectifier IRFP31N50L Datasheet HTML 6Page - International Rectifier IRFP31N50L Datasheet HTML 7Page - International Rectifier IRFP31N50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP31N50L
05/23/01
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) typ.
ID
500V
0.15
31A
Benefits
Applications
TO-247AC
l Switch Mode Power Supply (SMPS)
l UninterruptIble Power Supply
l High Speed Power Switching
l ZVS and High Frequency Circuit
l PWM Inverters
l Low Gate Charge Qg results in Simple Drive Requirement
l Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
l Fully Characterized Capacitance and Avalanche Voltage
and Current
l Low Trr and Soft Diode Recovery
l High Performance Optimised Anti-parallel Diode
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
31
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
20
A
IDM
Pulsed Drain Current

124
PD @TC = 25°C
Power Dissipation
460
W
Linear Derating Factor
3.7
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
19
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
www.irf.com
1
S
D
G
Diode Characteristics
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
31
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
124
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 31A, VGS = 0V
„
–––
170
250
TJ = 25°C
IF = 31A
–––
220
330
TJ = 125°C
di/dt = 100A/µs
„
–––
570
860
nC
TJ = 25°C
–––
1.2
1.8
µC
TJ = 125°C
IRRM
Reverse Recovery Current
–––
7.9
12
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
ns
Typical SMPS Topologies
l Bridge Converters
l All Zero Voltage Switching
PD - 94081


유사한 부품 번호 - IRFP31N50L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
158Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
IRFP31N50L VISHAY-IRFP31N50L Datasheet
201Kb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
Inchange Semiconductor ...
IRFP31N50L ISC-IRFP31N50L Datasheet
445Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
223Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP31N50LPBF VISHAY-IRFP31N50LPBF Datasheet
158Kb / 8P
   Power MOSFET
S-81274-Rev. A, 16-Jun-08
More results

유사한 설명 - IRFP31N50L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com