전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP32N50 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFP32N50
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP32N50 데이터시트(HTML) 8 Page - International Rectifier

  IRFP32N50 Datasheet HTML 1Page - International Rectifier IRFP32N50 Datasheet HTML 2Page - International Rectifier IRFP32N50 Datasheet HTML 3Page - International Rectifier IRFP32N50 Datasheet HTML 4Page - International Rectifier IRFP32N50 Datasheet HTML 5Page - International Rectifier IRFP32N50 Datasheet HTML 6Page - International Rectifier IRFP32N50 Datasheet HTML 7Page - International Rectifier IRFP32N50 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP32N50K
8
www.irf.com
TO - 247 Package Outline
L EAD ASSIG N M EN TS
NO T ES :
- D -
5 .30 (.209 )
4 .70 (.185 )
2.5 0 (.08 9)
1.5 0 (.05 9)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2.60 (.1 02)
2.20 (.0 87)
3 .40 (.133 )
3 .00 (.118 )
3X
0.2 5 (.0 10)
M
CA S
4.3 0 (.1 70)
3.7 0 (.1 45)
- C -
2X
5.50 (.21 7)
4.50 (.17 7)
5 .50 (.217)
0.25 (.0 10)
1.4 0 (.0 56)
1.0 0 (.0 39)
3.65 (.1 43)
3.55 (.1 40)
D
M
M
B
- A -
15.90 (.62 6)
15.30 (.60 2)
- B -
12
3
20 .30 (.800)
19 .70 (.775)
14.8 0 (.5 83)
14.2 0 (.5 59)
2.40 (.09 4)
2.00 (.07 9)
2X
2X
5.45 (.2 15)
1 DIM ENS IO NING & T O LE RANCING
P ER AN S I Y1 4.5M , 1 98 2.
2 CO NT RO LL IN G DIM ENS IO N : IN CH .
3 CO N F O RM S T O JED E C O U T LINE
T O -2 47 -A C .
1 - G A TE
2 - DRAIN
3 - S O URCE
4 - DRAIN
Dimensions are shown in millimeters (inches)
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/01
Part Marking Information
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
ASSEM BL Y
L O T
C O D E
EXAM P L E : T H IS IS AN IR F PE3 0
W IT H A SSEM BL Y
L O T C O D E 3 A 1 Q
PAR T N U M B ER
DA T E C O DE
(Y YW W )
YY = YEA R
WW WE E K
3A 1 Q
93 02
IR F PE3 0
A
TO-247AC


유사한 부품 번호 - IRFP32N50

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP32N50K IRF-IRFP32N50K Datasheet
178Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP32N50K VISHAY-IRFP32N50K Datasheet
150Kb / 8P
   Power MOSFET
S-81361-Rev. B, 07-Jul-08
IRFP32N50K VISHAY-IRFP32N50K Datasheet
183Kb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP32N50K ISC-IRFP32N50K Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP32N50K VISHAY-IRFP32N50K Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP32N50

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRF7501 IRF-IRF7501 Datasheet
143Kb / 7P
   Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com